Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP4446 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP4446
Description  High Output Voltage Boost Regulator LCD Bias Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4446 Datasheet(HTML) 2 Page - Sipex Corporation

  SP4446 Datasheet HTML 1Page - Sipex Corporation SP4446 Datasheet HTML 2Page - Sipex Corporation SP4446 Datasheet HTML 3Page - Sipex Corporation SP4446 Datasheet HTML 4Page - Sipex Corporation SP4446 Datasheet HTML 5Page - Sipex Corporation SP4446 Datasheet HTML 6Page - Sipex Corporation SP4446 Datasheet HTML 7Page - Sipex Corporation SP4446 Datasheet HTML 8Page - Sipex Corporation SP4446 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
Date: 1/2/06
SP4446 High Output Voltage Boost Regualtor, LCD Bias Regulator
© Copyright 2006 Sipex Corporation
PIN DESCRIPTION
V
IN ....................................................................... 15V
SW Voltage .............................................. -0.4 to 34V
FB Voltage .......................................................... 2.5V
All other pins .................................. -0.3 to V
CC + 0.3V
Current into FB ................................................. ±1mA
T
J Max ............................................................. 125°C
Operating Temperature Range ............ -40°C to 85°C
Peak Output Current < 10us SW .................... 500mA
Storage Temperature ...................... -65°C to +150°C
Power Dissipation. ......................................... 200mW
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
CONDITIONS
Input voltage
VIN
1.0
8.0
V
Switch Current Limit =
150mA
Supply Current
IQ
20
30
µA
No Switching
0.01
1
µA
SHDN = 0.0V
Reference Voltage
VFB
1.17
1.22
1.27
V
FB Hysteresis
HYST
8
mV
VFB Input Bias Current
IFB
15
80
nA
VFB = 1.22V
Line Regulation
∆Vo/∆VI
0.04
%/V
1.2 ≤ VIN ≤ 8V
Switch Off Time
TOFF
300
nS
VFB > 1V
1200
nS
VFB < 0.3V
Switch Saturation Voltage
VCESAT
50
mV
ISW = 50mA
150
mV
ISW = 150mA
Switch Current Limit
ILIM
100
150
200
mA
SHDN Bias Current
ISHDN
512
µA
VSHDN = 5V
SHDN High Threshold (on)
VIH
0.9
V
SHDN Low Threshold (off)
VIL
0.25
V
Switch Leakage Current
ISWLK
25
µA
Switch Off, VSW = 5V
ELECTRICAL CHARACTERISTICS
Specifications are at VIN = 3.3V, VSHDN = VIN, TA = 25°C, ♦ denotes the specifications which apply over the full operating
temperature range, unless otherwise specified.
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (Soldering, 10 sec) ............ 300°C
ESD Rating ................................................. 2kV HBM
These are stress ratings only and functional operation of
the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may affect
reliability.
PIN NUMBER
PIN NAME
DESCRIPTION
1SW
Switch input to the internal power switch.
2
GND
Ground
3FB
Feedback
4
SHDN
Shutdown. Pull high (on) to enable. Pull low (off) for shutdown.
5VIN
Input Voltage. Bypass this pin with a capacitor as close to the device
as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com