Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6330 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6330
Description  Quad 關Power Supervisory Circuits with Manual Reset & Watchdog
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6330 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6330 Datasheet HTML 1Page - Sipex Corporation SP6330 Datasheet HTML 2Page - Sipex Corporation SP6330 Datasheet HTML 3Page - Sipex Corporation SP6330 Datasheet HTML 4Page - Sipex Corporation SP6330 Datasheet HTML 5Page - Sipex Corporation SP6330 Datasheet HTML 6Page - Sipex Corporation SP6330 Datasheet HTML 7Page - Sipex Corporation SP6330 Datasheet HTML 8Page - Sipex Corporation SP6330 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Nov20-06 Rev M
SP6330/32/34 Quad Power Supervisory Circuit Family
© Copyright 2006 Sipex Corporation
2
Terminal Voltage (with respect to GND)
V1, V2..................................................... -0.3 to +6V
Open-Drain RSTB.......................................-0.3 to +6V
CMOS RST, RSTB, ..................... -0.3 to (V1+0.3V)
Input Current/Output
Current..................................,,........................20mA
V3, V4, MRIB, WDI........................-0.3 to (V1+0.3V)
ABSOLUTE MAXIMUM RATINGS
Feature and Pinout Diagram
Operating Temperature
Range...............................................-40°Cto +85 °C
Storage Temperature
Range...............................................-65°C to 150°C
Thermal Resistance OJA.............................134°C/W
PART
NUMBER
V1
V2
V3
V4
Reset
MRIB
WDI
SP6330
OD Active Low
SP6332
CMOS Active Low
SP6334
CMOS Active High
1
2
3
4
5
6
7
8
8 Pin TSOT
V2
SP6330
V1
MRIB
V3
WDI
GND
V4
RSTB
Open Drain RESET
1
2
3
4
5
6
7
8
8 Pin TSOT
V2
SP6332
V1
MRIB
V3
WDI
GND
V4
RSTB
CMOS RESET
1
2
3
4
5
6
7
8
8 Pin TSOT
V2
SP6334
V1
MRIB
V3
WDI
GND
V4
RST
CMOS RESET
These are stress ratings only and functional operation of the device at these ratings or any other above those indicated in the operation sections
of the specifications below is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability
and cause permanent damage to the device.
Representative Samples Available
PINOUT DIAGRAMS
Sipex
Product
Product
Description
Package
V1
(Volts)
V2
(Volts)
V3
(Volts)
V4
(Volts)
Reset
(ms)
Ordering #
SP6330
Quad Supervisor
Open Drain low
8 Pin TSOT
2.925
1.575
0.5
0.5
200
SP6330EK1-L-W-G-C
SP6330
Quad Supervisor
Open Drain low
8 Pin TSOT
3.075
2.313
0.5
0.5
200
SP6330EK1-L-X-J-C
SP6330
Quad Supervisor
Open Drain low
8 Pin TSOT
4.625
2.313
0.5
0.5
200
SP6330EK1-L-Z-J-C
SP6332
Quad Supervisor
CMOS low
8 Pin TSOT
2.625
1.575
0.5
0.5
200
SP6330EK1-L-V-G-C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com