Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISCD7019 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCD7019
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7019 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCD7019 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7019 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCD7019 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISCD7019
eq GC10MPS12-252
Silicon Carbide Schottky Diode
www.iscsemi.com
2
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.5
℃
/W
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VF
Diode Forward Voltage
IF= 10A; TJ=25℃
--
--
1.8
V
IF= 10A; TJ=175℃
--
--
2.4
IR
Reverse current
VR=1200V;TJ=25℃
--
--
5
uA
VR=1200V;TJ=175℃
--
--
50
QC
Total Capacitive Charge
VR=400V ,
di/dt = 200 A/μs,
IF
≤
IFM
--
19
--
nC
C
Total Capacitance
VR= 1V, TJ = 25
°C, f = 1 MHz
--
616
--
pF
VR=800 V, TJ = 25
°C, f = 1 MHz
--
40
--
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com