Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISCD7021 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # ISCD7021
Description  SiC Schottky Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7021 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  ISCD7021 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7021 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCD7021 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISCD7021
eq IDH06S60C
SiC Schottky Rectifier
www.iscsemi.com
1
FEATURES
·Switching Behavior Benchmark
· No Forward Recovery
· No Reverse Recovery
· High Surge Current Capability
APPLICATIONS
· Motor Drives
· Switch mode power supply
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
Recurrent Peak Reverse Voltage
600
V
VRMS
RMS Voltage
600
V
VDC
DC Blocking Voltage
600
V
IFAV
Average Forward Rectified Current,TC<140℃
6
A
IFSM
Peak Forward Surge Current
tp = 10 ms TC=25℃
49
A
I2t
I2t Value for Fusing (t=10ms)
12
A2s
Ptot
Power Dissipation
63
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance, Junction to Case
2.4
℃
/W


Similar Part No. - ISCD7021

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISCD7020 ISC-ISCD7020 Datasheet
235Kb / 3P
SiC Schottky Rectifier
ISCD7022 ISC-ISCD7022 Datasheet
262Kb / 3P
SiC Schottky Rectifier
ISCD7023 ISC-ISCD7023 Datasheet
266Kb / 2P
SiC Schottky Rectifier
ISCD7024 ISC-ISCD7024 Datasheet
397Kb / 3P
SiC Schottky Rectifier
ISCD7025 ISC-ISCD7025 Datasheet
242Kb / 3P
SiC Schottky Barrier Diode
More results

Similar Description - ISCD7021

ManufacturerPart #DatasheetDescription
logo
Semikron International
SK45MLET12SCP SEMIKRON-SK45MLET12SCP Datasheet
275Kb / 4P
SiC Power MOSFET and SiC Schottky
logo
BASIC SEMICONDUCTOR
B1D06065F BASICSEMI-B1D06065F Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.3
B1D06065KF BASICSEMI-B1D06065KF Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D08065KS BASICSEMI-B1D08065KS Datasheet
604Kb / 7P
SiC Schottky Diode
Rev. 0.1
B1D10065E BASICSEMI-B1D10065E Datasheet
2Mb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065F BASICSEMI-B1D10065F Datasheet
820Kb / 7P
SiC Schottky Diode
Rev. 1.2
B1D10065H BASICSEMI-B1D10065H Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.4
B1D10065K BASICSEMI-B1D10065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 2.2
B1D12065K BASICSEMI-B1D12065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.3
B1D15065K BASICSEMI-B1D15065K Datasheet
1Mb / 7P
SiC Schottky Diode
Rev. 1.4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com