Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP7648 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7648
Description  PackageLow Reference High efficiency Boost Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7648 Datasheet(HTML) 1 Page - Sipex Corporation

  SP7648 Datasheet HTML 1Page - Sipex Corporation SP7648 Datasheet HTML 2Page - Sipex Corporation SP7648 Datasheet HTML 3Page - Sipex Corporation SP7648 Datasheet HTML 4Page - Sipex Corporation SP7648 Datasheet HTML 5Page - Sipex Corporation SP7648 Datasheet HTML 6Page - Sipex Corporation SP7648 Datasheet HTML 7Page - Sipex Corporation SP7648 Datasheet HTML 8Page - Sipex Corporation SP7648 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image

Mar16-06 Rev B
SP7648 Ultra-low Quiescent Current, High Efficiency Boost Regulator
© 2006 Sipex Corporation
Solved by
TM
SP7648
FeaTUReS
True Shutdown
700mA Output Current at 3.3V Input; 4.2V
output
92% Efficiency from 2.7V IN to 3.3VOUT
Wide Input Voltage Range: 2.7V to 4.5V
5V Fixed or Adjustable Output
0.3 Switch
Integrated Synchronous Rectifier:0.3
Anti-Ringing Switch Technology
Programmable Inductor Peak Current
Logic Shutdown Control
Low 0.8V or 0.288V Reference Voltage
Small 10 pin DFN or MSOP Package
Low Reference High efficiency Boost Regulator
aPPLicaTiOnS
LED Driver
Camera Flash
Handheld Portable Devices
DeScRiPTiOn
The SP7648 is an ultra-low quiescent current, high efficiency step-up DC-DC converter ideal for
single cell Li-Ion or dual cell alkaline battery applications to drive various LEDs. The SP7648
combines low quiescent current and excellent light-load efficiency of PFM control. The SP7648
featuressynchronousrectification,a0.3 chargingswitch,ananti-ringinginductorswitch, under-
voltage lockout and programmable inductor peak current. The device can be shut down by a
1nA active LOW shutdown pin. A very low 0.288V reference voltage is optimized for driving a
constant current load.
TYPicaL aPPLicaTiOn ciRcUiT
Now Available in Lead Free Packaging
SP7648
10 Pin DFN
0
9
8
7
6

2
3
4
5
VOUT
LX
PGND
GND
FB
FLASH
SHDN
NC (Test)
RLIM
VBATT
®
4.7µH
Vin
SP7648
VBATT
FLASH
FB
LX
VOUT
NC
1.0K
On/OFF
0µF
SHDN
GND
0µF
PGND
0.33
RLIM
(2.7 - 4.5V)
FLaSH
470pF
RLIM
1K
R
R2
Q
D


Similar Part No. - SP7648

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
SP7648 SIPEX-SP7648 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7648ER SIPEX-SP7648ER Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
SP7648ER/TR SIPEX-SP7648ER/TR Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
SP7648EU SIPEX-SP7648EU Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
More results

Similar Description - SP7648

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML4890 MICRO-LINEAR-ML4890 Datasheet
256Kb / 12P
High Efficiency, Low Ripple Boost Regulator
logo
Sipex Corporation
SP6681 SIPEX-SP6681 Datasheet
125Kb / 10P
High Efficiency Boost Charge Pump Regulator
SP7648 SIPEX-SP7648 Datasheet
236Kb / 12P
Low Reference High Efficiency Boost Regulator
logo
Lowpower Semiconductor ...
LP6203 POWER-LP6203 Datasheet
282Kb / 8P
High Efficiency Boost DC/DC Regulator
logo
Micrel Semiconductor
MIC2250 MICREL-MIC2250 Datasheet
528Kb / 13P
High Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_10 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251 MICREL-MIC2251 Datasheet
886Kb / 13P
High-Efficiency Low EMI Boost Regulator
MIC2251_1105 MICREL-MIC2251_1105 Datasheet
875Kb / 14P
High-Efficiency Low EMI Boost Regulator
MIC2250 MICREL-MIC2250_11 Datasheet
882Kb / 14P
High-Efficiency Low EMI Boost Regulator
logo
ACE Technology Co., LTD...
ACE713C ACE-ACE713C Datasheet
414Kb / 4P
High Efficiency 1.25MHz, 2.5A Boost Regulator
VER 1.2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com