Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RF5146 Datasheet(PDF) 15 Page - RF Micro Devices

Part # RF5146
Description  QUAD-BAND GSM850/GSM900/DCS/PCS POWER AMP MODULE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5146 Datasheet(HTML) 15 Page - RF Micro Devices

Back Button RF5146 Datasheet HTML 10Page - RF Micro Devices RF5146 Datasheet HTML 11Page - RF Micro Devices RF5146 Datasheet HTML 12Page - RF Micro Devices RF5146 Datasheet HTML 13Page - RF Micro Devices RF5146 Datasheet HTML 14Page - RF Micro Devices RF5146 Datasheet HTML 15Page - RF Micro Devices RF5146 Datasheet HTML 16Page - RF Micro Devices RF5146 Datasheet HTML 17Page - RF Micro Devices RF5146 Datasheet HTML 18Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
2-505
RF5146
Rev A1 050928
An often overlooked problem in PA control loops is that a delay not only decreases loop stability it also affects the burst
timing when, for instance the input power from the VCO decreases (or increases) with respect to temperature or supply
voltage. The burst timing then appears to shift to the right especially at low power levels. The RF5146 is insensitive to a
change in input power and the burst timing is constant and requires no software compensation.
Switching transients occur when the up and down ramp of the burst is not smooth enough or suddenly changes shape. If
the control slope of a PA has an inflection point within the output power range or if the slope is simply too steep it is diffi-
cult to prevent switching transients. Controlling the output power by changing the collector voltage is as earlier described
based on the physical relationship between voltage swing and output power. Furthermore all stages are kept constantly
biased so inflection points are nonexistent.
Harmonics are natural products of high efficiency power amplifier design. An ideal class “E” saturated power amplifier
will produce a perfect square wave. Looking at the Fourier transform of a square wave reveals high harmonic content.
Although this is common to all power amplifiers, there are other factors that contribute to conducted harmonic content as
well. With most power control methods a peak power diode detector is used to rectify and sense forward power. Through
the rectification process there is additional squaring of the waveform resulting in higher harmonics. The RF5146 address
this by eliminating the need for the detector diode. Therefore the harmonics coming out of the PA should represent the
maximum power of the harmonics throughout the transmit chain. This is based upon proper harmonic termination of the
transmit port. The receive port termination on the T/R switch as well as the harmonic impedance from the switch itself
will have an impact on harmonics. Should a problem arise, these terminations should be explored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com