Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP6127 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP6127
Description  Evaluation Board Manual
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6127 Datasheet(HTML) 5 Page - Sipex Corporation

  SP6127 Datasheet HTML 1Page - Sipex Corporation SP6127 Datasheet HTML 2Page - Sipex Corporation SP6127 Datasheet HTML 3Page - Sipex Corporation SP6127 Datasheet HTML 4Page - Sipex Corporation SP6127 Datasheet HTML 5Page - Sipex Corporation SP6127 Datasheet HTML 6Page - Sipex Corporation SP6127 Datasheet HTML 7Page - Sipex Corporation SP6127 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
LOOP COMPENSATION
The SP6127 includes Type-II internal compensation components for loop
compensation. External compensation components are not required for systems with
tantalum or aluminum electrolytic output capacitors with sufficiently high ESR. Use the
condition below as a guideline to determine whether or not the internal compensation is
sufficient for your design.
Type-II internal compensation is sufficient if the following condition is met:
DBPOLE
ESRZERO
f
f
<
………………. (1)
where:
OUT
ESR
ESRZERO
C
R
f
.
.
.
2
1
π
=
……….. (2)
OUT
DBPOLE
C
L
f
=
.
.
2
1
π
………… (3)
Creating a Type-III compensation Network
The above condition requires the ESR zero to be at a lower frequency than the double-
pole from the LC filter. If this condition is not met, Type-III compensation should be
used and can be accomplished by placing a series RC combination in parallel with R1
as shown below. The value of CZ can be calculated as follows and RZ selected from
table 1.
1
25
.
1
R
C
L
CZ
×
=
………….. (4)
Table1- Selection of RZ
fESRZERO/fDBPOLE RZ
1X
50K
2X
40K
3X
30K
5X
10K
>= 10X
2K



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com