Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SP7663ER Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP7663ER
Description  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663ER Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP7663ER Datasheet HTML 3Page - Sipex Corporation SP7663ER Datasheet HTML 4Page - Sipex Corporation SP7663ER Datasheet HTML 5Page - Sipex Corporation SP7663ER Datasheet HTML 6Page - Sipex Corporation SP7663ER Datasheet HTML 7Page - Sipex Corporation SP7663ER Datasheet HTML 8Page - Sipex Corporation SP7663ER Datasheet HTML 9Page - Sipex Corporation SP7663ER Datasheet HTML 10Page - Sipex Corporation SP7663ER Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 7 of 16
Step by step design procedures:
Choose
fs/10
fco =
60Khz
600Khz/10
fco
=
=
Calculate fp_LC, the double pole frequency of the filter
)
C
L
(
2
1
fp_LC
=
π
13Khz
99
.
12
)
100
5
.
1
1
fp_LC
=
=
Khz
uF
uH
Calculate fz_ESR the ESR zero frequency
Cout
Cesr
1
fz_ESR
=
hz
Khz
µF
m
π
ESR
fz
Κ
=
=
400
88
.
397
)
100
(
)
4
(
2
1
_
Select R1 component value such that 50kΩ ≤ R1 ≤ 100kΩ
R1 = 68.1kΩ, 1%
Calculate R2 base on the desired VOUT
1
8
.
1
2


=
V
Vout
R
R
=


=
K
K
V
V
K
R
5
.
21
79
.
21
1
8
.
3
.
3
1
.
68
2
Select the ratio of RZ2 / R1 gain for the desired gain bandwidth


=
LC
fp
fco
Vin
pp
Vramp
R
RZ
_
max
_
_
1
2
=


=
K
KHz
KHz
V
V
R
RZ
2
.
23
13
60
5
.
13
1
1
2
Note: Loop Compensation component calculations discussed in this
section are further elaborated in the application note #ANP16, “Loop
Compensation of Voltage-Mode Buck Converters”.
These calculations shown here can be quickly iterated with the Type
III Loop Compensation Calculator on the web at:
www.sipex.com/files/Application-Notes/TypeIIICalculator.xls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com