Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SSR8045CTP Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR8045CTP
Description  80A 45 V SCHOTTKY CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR8045CTP Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR8045CTP Datasheet HTML 1Page - Solid States Devices, Inc SSR8045CTP Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR8045CTP
Series
Electrical Characteristic
5/
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300 – 500usec Pulse)
IF = 10A
IF = 20A
IF = 40A
VF1
VF2
VF3
––
––
––
0.53
0.65
0.90
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, 300 – 500usec Pulse)
IF = 20A
VF4
––
0.70
VDC
Reverse Leakage Current
(100% of rated VR, 300µs pulse min.)
TA = 25ºC
TA = 100ºC
IR1
IR2
––
––
400
30
µA
mA
Junction Capacitance
(VR=10VDC, TA=25ºC, f=1MHz)
CJ
––
1600
pF
NOTES:
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening per MIL-PRF-19500.
3/ For Package Outlines Contact Factory.
4/ Maximum Electrical Rating Shown for Centertap Configurations both Legs Tied Together.
For Doubler Configurations: IO = 40A, IFSM = 600A.
5/ All Electrical Characteristics per Leg @25ºC, Unless Otherwise Specified.
Available Part Numbers:
SSR8045CTP
SSR8045CTPUB
SSR8045CTPDB
SSR8045CAP
SSR8045CAPUB
SSR8045CAPDB
SSR8045DP
SSR8045DPUB
SSR8045DPDB
SSR8045DRP
SSR8045DRPUB
SSR8045DRPDB
PIN ASSIGNMENT
CONFIGURATION
Pin 1
Pin 2
Pin 3
Common Cathode (CT)
Anode
Cathode
Anode
Common Anode (CA)
Cathode
Anode
Cathode
Doubler (D)
Cathode Common
Anode
Doubler Reverse (DR)
Anode
Common Cathode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com