Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HER501 Datasheet(PDF) 4 Page - Won-Top Electronics

Part # HER501
Description  5.0A ULTRAFAST DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics

HER501 Datasheet(HTML) 4 Page - Won-Top Electronics

  HER501 Datasheet HTML 1Page - Won-Top Electronics HER501 Datasheet HTML 2Page - Won-Top Electronics HER501 Datasheet HTML 3Page - Won-Top Electronics HER501 Datasheet HTML 4Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
HER501 – HER508
4 of 4
© 2006 Won-Top Electronics
ORDERING INFORMATION
Product No.
Package Type
Shipping Quantity
HER501-T3
DO-201AD
1200/Tape & Reel
HER501-TB
DO-201AD
1200/Tape & Box
HER501
DO-201AD
500 Units/Box
HER502-T3
DO-201AD
1200/Tape & Reel
HER502-TB
DO-201AD
1200/Tape & Box
HER502
DO-201AD
500 Units/Box
HER503-T3
DO-201AD
1200/Tape & Reel
HER503-TB
DO-201AD
1200/Tape & Box
HER503
DO-201AD
500 Units/Box
HER504-T3
DO-201AD
1200/Tape & Reel
HER504-TB
DO-201AD
1200/Tape & Box
HER504
DO-201AD
500 Units/Box
HER505-T3
DO-201AD
1200/Tape & Reel
HER505-TB
DO-201AD
1200/Tape & Box
HER505
DO-201AD
500 Units/Box
HER506-T3
DO-201AD
1200/Tape & Reel
HER506-TB
DO-201AD
1200/Tape & Box
HER506
DO-201AD
500 Units/Box
HER507-T3
DO-201AD
1200/Tape & Reel
HER507-TB
DO-201AD
1200/Tape & Box
HER507
DO-201AD
500 Units/Box
HER508-T3
DO-201AD
1200/Tape & Reel
HER508-TB
DO-201AD
1200/Tape & Box
HER508
DO-201AD
500 Units/Box
1.
Products listed in bold are WTE Preferred devices.
2.
Shipping quantity given is for minimum packing quantity only. For minimum
order quantity, please consult the Sales Department.
3.
To order RoHS / Lead Free version (with Lead Free finish), add “-LF” suffix
to part number above. For example, HER501-TB-LF.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any
responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to
manufacturer. WTE reserves the right to change any or all information herein without further notice.
WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life
support devices or systems without the express written approval.
We power your everyday.
Won-Top Electronics Co., Ltd.
No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan
Phone: 886-7-822-5408 or 886-7-822-5410
Fax: 886-7-822-5417
Email: sales@wontop.com
Internet: http://www.wontop.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com