Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

24CSM01 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24CSM01
Description  1-Mbit, 3.4MHz I2C Serial EEPROM with 128-Bit Serial Number and Enhanced Software Write Protection
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24CSM01 Datasheet(HTML) 5 Page - Microchip Technology

  24CSM01 Datasheet HTML 1Page - Microchip Technology 24CSM01 Datasheet HTML 2Page - Microchip Technology 24CSM01 Datasheet HTML 3Page - Microchip Technology 24CSM01 Datasheet HTML 4Page - Microchip Technology 24CSM01 Datasheet HTML 5Page - Microchip Technology 24CSM01 Datasheet HTML 6Page - Microchip Technology 24CSM01 Datasheet HTML 7Page - Microchip Technology 24CSM01 Datasheet HTML 8Page - Microchip Technology 24CSM01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 63 page
background image
 2023 Microchip Technology Inc. and its subsidiaries
Preliminary
DS20006781B
-page 5
24CSM01
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = 1.7V to 5.5V
TA = -40°C to +85°C
Extended (E):
VCC = 1.7V to 5.5V
TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock Frequency
1000
kHz
1.7V ≤ VCC ≤ 5.5V
3400
kHz
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
2THIGH
Clock High Time
400
ns
1.7V ≤ VCC ≤ 5.5V
60
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
3TLOW
Clock Low Time
400
ns
1.7V ≤ VCC ≤ 5.5V
160
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
4TR
SDA and SCL Rise Time
1000
ns
1.7V ≤ VCC ≤ 5.5V (Note 1)
5TF
SDA and SCL Fall Time
300
ns
1.7V ≤ VCC ≤ 5.5V (Note 1)
6THD:STA Start Condition Hold Time
250
ns
1.7V ≤ VCC ≤ 5.5V
160
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
7TSU:STA Start Condition Setup Time
250
ns
1.7V ≤ VCC ≤ 5.5V
160
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
8THD:DAT Data Input Hold Time
0
ns
Note 2
9TSU:DAT Data Input Setup Time
50
ns
1.7V ≤ VCC ≤ 5.5V
10
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
10
TSU:STO Stop Condition Setup Time
250
ns
1.7V ≤ VCC ≤ 5.5V
160
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
11
TSU:WP WP Setup Time
600
ns
12
THD:WP WP Hold Time
1300
ns
13
TAA
Output Valid from Clock
400
ns
1.7V ≤ VCC ≤ 5.5V
—70
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled
14
TBUF
Bus Free Time: Bus Time
must be free before a new
transmission can start
500
ns
1.7V ≤ VCC ≤ 5.5V
15
TSP
Input Filter Spike Suppression
(SDA and SCL pins)
100
ns
1.7V ≤ VCC ≤ 5.5V (Note 3)
—10
ns
2.5V ≤ VCC ≤ 5.5V, I-Temp.,
HS Mode Enabled (Note 3)
16
TWC
Write Cycle Time
(byte or page)
—5
ms
Note 1: The rise/fall times must be less than the specified maximums to achieve the maximum clock frequencies
specified for FCLK. Please refer to the I2C specification for applicable timings.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region of
the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: Not 100% tested. CB = total capacitance of one bus line in pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com