Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DS28EC20 Datasheet(PDF) 21 Page - Analog Devices

Part # DS28EC20
Description  20Kb 1-Wire EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS28EC20 Datasheet(HTML) 21 Page - Analog Devices

Back Button DS28EC20 Datasheet HTML 17Page - Analog Devices DS28EC20 Datasheet HTML 18Page - Analog Devices DS28EC20 Datasheet HTML 19Page - Analog Devices DS28EC20 Datasheet HTML 20Page - Analog Devices DS28EC20 Datasheet HTML 21Page - Analog Devices DS28EC20 Datasheet HTML 22Page - Analog Devices DS28EC20 Datasheet HTML 23Page - Analog Devices DS28EC20 Datasheet HTML 24Page - Analog Devices DS28EC20 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DS28EC20
Analog Devices, Inc.
21 of 28
Figure 9-2. ROM Functions Flowchart (continued)
From Figure 9,
1st Part
From Figure 9,
1st Part
To Figure 9, 1st Part
RC = 1 ?
N
Y
RC = 0 ; OD = 1
Controller TX Bit 0
Controller TX Bit 63
Controller TX Bit 1
RC = 1
Bit 0
Match?
Y
N
Bit 1
Match?
Y
N
Bit 63
Match?
Y
N
Y
N
69h
Overdrive Match
ROM?
RC = 0 ; OD = 1
Controller
TX Reset ?
Y
N
Controller
TX Reset ?
N
Y
Y
N
3Ch
Overdrive
Skip ROM?
Y
N
A5h
Resume
Command?
To Figure 9,
1st Part
OD = 0
OD = 0
OD = 0
1)
1)
1)
1) The OD flag remains at 1 if the device was already at overdrive
speed before the Overdrive Match ROM command was issued.
NOTE: For operation at overdrive speed, the DS28EC20 requires VPUP to be between 4V and 5.25V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com