Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SST49LF004C Datasheet(PDF) 21 Page - Silicon Storage Technology, Inc

Part # SST49LF004C
Description  4 Mbit / 8 Mbit LPC Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF004C Datasheet(HTML) 21 Page - Silicon Storage Technology, Inc

Back Button SST49LF004C Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 21Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 22Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 23Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 24Page - Silicon Storage Technology, Inc SST49LF004C Datasheet HTML 25Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Advance Information
4 Mbit / 8 Mbit LPC Serial Flash
SST49LF004C / SST49LF008C
21
©200 Silicon Storage Technology, Inc.
S71292-00-000
1/06
REGISTERS
There are five types of registers available on the
SST49LF00xC, the multi-byte Read/Write configuration
registers, General Purpose Inputs registers, Block Locking
registers, Security ID register, and the JEDEC ID registers.
These registers appear at their respective address location
in the 4 GByte system memory map. Unused register loca-
tions will read as 00H. Any attempt to read or write any reg-
ister during an internal Write operation will be ignored.
Read or write access to the register during an internal Pro-
gram/Erase operation will be completed as follows:
•
Multi-byte Read/Write Configuration registers,
General Purpose Inputs register, and Block Lock-
ing registers can be accessed normally
•
Security ID register and the JEDEC ID registers
can not be accessed (reading these registers will
return unused register data 00H).
Multi-Byte Read/Write Configuration Reg-
isters (Firmware Memory Cycle)
The multi-byte read/write configuration (MBR) registers are
four 8-bit read-only registers located at addresses
FFBC0005-FFBC0008 for boot configured device (see
Table 13). These registers are accessible using Firmware
Memory Read cycle only. These registers contain informa-
tion about multi-byte read and write access sizes that will
be accepted for Firmware Memory multi-byte Read com-
mands. The registers are not available in AAI mode.
In case of multi-byte Firmware Memory register reads, the
device will return register data for the addressed register
until the command finishes, or is aborted.
General Purpose Inputs Register
The General Purpose Inputs register (GPI_REG) passes
the state of GPI[4:0] pins on the SST49LF00xC. It is rec-
ommended that the GPI[4:0] pins be in the desired state
before LFRAME# is brought low for the beginning of the
bus cycle, and remain in that state until the end of the cycle.
There is no default value since this is a pass-through regis-
ter. The GPI_REG register for the boot device appears at
FFBC0100H in the 4 GByte system memory map, and will
appear elsewhere if the device is not the boot device (see
Table 12). This register is not available to be read when the
device is in an Erase/Program operation. In case of multi-
byte Firmware Memory cycle register reads, the device will
return register data for the addressed register until the com-
mand finishes, or is aborted.
TABLE 12: GENERAL PURPOSE REGISTER
Register
Register Address1
1. Address shown in this column is for boot device only.
Address locations should appear elsewhere in the 4
GByte system memory map depending on ID strapping
values on ID[3:0] pins according with multiple device
selection mechanism.
Default
Value
Access
GPI_REG
FFBC 0100H
N/A
R
T12.0 1292
TABLE 13: MULTI-BYTE READ/WRITE CONFIGURATION REGISTERS
Register
Register Address1
1. Address shown in this column is for boot device only. Address locations should appear elsewhere in the 4 GByte system memory
map depending on ID strapping values on ID[3:0] pins when multiple LPC memory devices are used in a system.
Data
Access
Description
MULTI_BYTE_READ_L
FFBC 0005H
0100 1011b
R
Device supports 1,2,4, 16, 128 Byte reads
MULTI_BYTE_READ_H
FFBC 0006H
0000 0000b
R
Future Expansion for Read
MULTI_BYTE_WRITE_L
FFBC 0007H
0000 0011b
R
Device supports 1, 2, 4 Byte Write
MULTI_BYTE_WRITE_H
FFBC 0008H
0000 0000b
R
Future Expansion for Write
T13.0 1292



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com