Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA1307 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA1307
Description  High-performance bitstream digital filter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA1307 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA1307 Datasheet HTML 17Page - NXP Semiconductors TDA1307 Datasheet HTML 18Page - NXP Semiconductors TDA1307 Datasheet HTML 19Page - NXP Semiconductors TDA1307 Datasheet HTML 20Page - NXP Semiconductors TDA1307 Datasheet HTML 21Page - NXP Semiconductors TDA1307 Datasheet HTML 22Page - NXP Semiconductors TDA1307 Datasheet HTML 23Page - NXP Semiconductors TDA1307 Datasheet HTML 24Page - NXP Semiconductors TDA1307 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
1996 Jan 08
21
Philips Semiconductors
Preliminary specification
High-performance bitstream digital filter
TDA1307
Table 6
Noise shaper dynamic range
OVERSAMPLING/ORDER
3rd ORDER
4th ORDER
128fs
105 dB
118 dB
192fs
117 dB
134 dB
Fig.14 Volume control examples.
A: Fade out to zero (FN = 0).
B: Fade in to maximum volume (FN = 1023).
C: Fast volume decrease resulting in initial linear regulation.
D: Slow volume decrease predominantly exponential.
E: Volume regulation overridden by resetting FCON to 0.
F: FN = 0, FSS = 0, FCON to 1 causes fastest maximum fade with linear regulation.
G: Medium speed volume increase starts exponential, ends linear.
handbook, full pagewidth
MGB991
time
max
0
A
volume
level
B
0.1 dB
(FSS
+ 2)/fs
1/fs
CD
E
F
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com