Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-40615 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-40615
Description  LIN Transceiver with 3.3V Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-40615 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-40615 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-40615 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AMIS-40615
Data Sheet
LIN Transceiver with 3.3V Voltage Regulator
6.2.2. Pin Description
Table 3: Pin Description
Pin
Name
Description
1
VBB
Battery supply input
2
LIN
LIN bus output/input
3
GND
Ground
4
GND
Ground
5
WAKE
High voltage digital input pin to switch the part from sleep- to stand-by-mode
6
INH
Inhibit output
7
OTP_ZAP
Supply for programming of trimming bits at factory testing, should be grounded in the application
8
TEST
Digital input for factory testing, should be grounded in the application
9
EN
Enable input, transceiver in normal operation mode when high
10
STB
Standby mode control input
11
GND
Ground
12
TxD
Transmit data input, low in dominant state
13
RxD
Receive data output; low in dominant state; push-pull output
14
Vcc
Supply voltage (output)
5
AMI Semiconductor – March 2007, M-20544-001
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com