Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-42700 Datasheet(PDF) 3 Page - AMI SEMICONDUCTOR

Part # AMIS-42700
Description  Dual High-Speed CAN Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-42700 Datasheet(HTML) 3 Page - AMI SEMICONDUCTOR

  AMIS-42700 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-42700 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AMIS-42700 Dual High-Speed CAN Transceiver
Preliminary Data Sheet
6.2 Application Schematics
AMIS-42700
EN1
EN2
Text
Rx0
Tx0
7
9
2
3
10
Rint
4
CANH2
CANL1
GND
Vref
VCC
18
13
12
19
14
8
PC20050511.6
5
6
15 16 17
CANL2
CANH1
C
D
R
LT
60
CAN BUS 2
CAN BUS 1
R
LT
60
100 nF
VBAT
5V-reg
Figure 2: Application Diagram CAN-Bus Repeater
AMIS-42700
EN1
EN2
Text
Rx0
Tx0
7
9
2
3
10
Rint
4
VBAT
CANH2
CANL1
GND
VCC
Vref
VCC
18
13
12
19
14
8
GND
CAN
con-
troller
PC20050502.3
5V-reg
5
6
15 16 17
CANL2
CANH1
C
D
C
D
R
LT
60
CAN BUS 2
CAN BUS 1
R
LT
60
100 nF
100 nF
µC
Figure 3: Application Diagram Dual-CAN
AMI Semiconductor – Rev. 1.4, May 05 - Preliminary
3
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com