Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT2-BLU Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # HT2-BLU
Description  Voltage and Safety Marker Books
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

HT2-BLU Datasheet(HTML) 1 Page - PANDUIT CORP.

  HT2-BLU Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Voltage and Safety Marker Books
Hazard Tape
Part Number
Part Description
Width
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
HT2S-BLK-YEL
Black/yellow stripe, adhesive
continuous tape.
2.00
50.80
54.0
16.5
1
12
HT2S-RED-WHT
Red/white striped, adhesive
continuous tape.
2.00
50.80
54.0
16.5
1
12
HT3S-BLK-YEL
Black/yellow striped, adhesive
continuous tape.
3.00
76.20
54.0
16.5
1
10
HT3S-RED-WHT
Red/white striped, adhesive
continuous tape.
3.00
76.20
54.0
16.5
1
10
Material Chart
Material
Print Method
Temperature
Range
Features
Vinyl
Pre-Printed
-20°F to 175°F
(-29°C to 79°C)
Indoor rated; color-coded for quick identification;
can be used in place of paint; excellent adhesion
properties when applied to a clean, dry surface.
Material Chart
Material
Print Method
Temperature
Range
Features
Vinyl
Pre-Printed
-40°F to 200°F
(-40°C to 93°C)
Indoor rated; economical general purpose
material; excellent adhesion properties when
applied to a clean, dry surface.
Solid Color Adhesive Warning Tape
Part Number
Color
Width
Length
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
In.
mm
Ft.
m
HT2-BLU
Blue
2.00
50.80
180.0
55.0
1
5
HT2-GRN
Green
2.00
50.80
180.0
55.0
1
5
HT2-ORN
Orange
2.00
50.80
180.0
55.0
1
5
HT2-RED
Red
2.00
50.80
180.0
55.0
1
5
HT2-WHT
White
2.00
50.80
180.0
55.0
1
5
HT2-YEL
Yellow
2.00
50.80
180.0
55.0
1
5
Material Chart
Material
Temperature Range
Features
Vinyl
-20°F to 175°F
(-29°C to 79³C)
Indoor rated; color-coded for quick identification;
can be used in place of paint; excellent adhesion
properties when applied to a clean, dry surface.
Part Number
Legend
Markers
Per
Page
Markers
Per
Book
Std.
Qty.
Book(s)
Voltage Markers
1.50" x 3.25" (38.00mm x 82.00mm)
PCVB-110Y
110 Volts
3301
PCVB-220Y
220 Volts
PCVB-277Y
277 Volts
PCVB-277/480Y
277/480 Volts
PCVB-440Y
440 Volts
PCVB-480Y
480 Volts
PCVB-4160Y
4160 Volts
Safety Markers
1.50" x 3.25" (38.00mm x 82.00mm)
PSSB-13
Danger High Voltage
3
30
1


Similar Part No. - HT2-BLU

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HT2 LSTD-HT2 Datasheet
580Kb / 2P
Precise Temperature Control
logo
Weller Tools
HT2 WELLER-HT2 Datasheet
80Kb / 4P
Soldering Tips
logo
LUMEL S.A.
HT20 LUMEL-HT20 Datasheet
2Mb / 7P
HUMIDITY MONITOR
logo
HYES Optoelectronics, I...
HT2002L HYES-HT2002L Datasheet
576Kb / 23P
LCD MODULE (176 횞 RGB 횞 220 Dots)
logo
Multicomp Pro
HT200AR MULTICOMP-HT200AR Datasheet
262Kb / 1P
Crimp Tool
10/08/22 V1.1
More results

Similar Description - HT2-BLU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM3-9WE ETC2-SM3-9WE Datasheet
124Kb / 4P
Cable Marker
logo
PHOENIX CONTACT
PSR-MC20 PHOENIX-PSR-MC20 Datasheet
414Kb / 17P
Safety relay for emergency stop and safety door monitoring
105315 PHOENIX-105315 Datasheet
167Kb / 8P
Safety relay for emergency stop and safety door monitoring
106167 PHOENIX-106167 Datasheet
377Kb / 16P
Safety relay for emergency stop and safety door monitoring
106172 PHOENIX-106172 Datasheet
414Kb / 17P
Safety relay for emergency stop and safety door monitoring
2981020 PHOENIX-2981020 Datasheet
168Kb / 8P
Safety relay for emergency stop and safety door monitoring
logo
Ultralife Corporation.
CR123A ULTRALIFE-CR123A Datasheet
457Kb / 2P
Safety and security systems
16 DEC 20 Rev: C
logo
WAGO Kontakttechnik Gmb...
2000-115 WAGO-2000-115 Datasheet
54Kb / 2P
Protective warning marker; with high-voltage symbol, black
24.11.2021
2002-115 WAGO-2002-115 Datasheet
48Kb / 3P
Protective warning marker; with high-voltage symbol, black
24.11.2021
2001-115 WAGO-2001-115 Datasheet
57Kb / 2P
Protective warning marker; with high-voltage symbol, black
24.11.2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com