Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AMIS-53000 Datasheet(PDF) 5 Page - AMI SEMICONDUCTOR

Part # AMIS-53000
Description  Frequency Agile Transceiver
PDF  99 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

AMIS-53000 Datasheet(HTML) 5 Page - AMI SEMICONDUCTOR

  AMIS-53000 Datasheet HTML 1Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 2Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 3Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 4Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 5Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 6Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 7Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 8Page - AMI SEMICONDUCTOR AMIS-53000 Datasheet HTML 9Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 99 page
background image
AMIS-53000 Frequency Agile Transceiver
Data Sheet
1.0 Overview of the AMIS-53000
The AMIS-53000 is the latest highly flexible member of AMI Semiconductor’s ASTRIC™ family of single-chip wireless transceivers. It is
ideally suited for low to moderate data rate, low power, sub 1GHz, narrow band, FSK/GFSK/OOK, multiple channel, wireless
applications in the medical, automotive and industrial markets. The AMIS-53000 can easily be interfaced to a base band processor via
a serial interface bus.
1.1 Applications for the AMIS-53000
Medical Implantable Communication Systems (MICS)
Wireless Medical Telemetry Systems
Wireless Sensors
RFID
Remote Monitoring
Access Control and Security
Keyless Entry
Mobile Wireless Data Terminals
Keyless Entry
Tire Pressure Monitors
Wireless Toys
1.2 Key Features
Medical implant communication protocol support
Very low power single-chip CMOS transceiver
Patented Quick Start crystal oscillator
Low power receive Sniff Mode™
Periodic transmit using Burst mode
Internal low power 10kHz oscillator
Internal self calibration functions
SPI/I
2C interface bus
3-wire/4-wire serial data interface
Two analog to digital converter channels
Internal fractional N frequency synthesizer
On/off shift key/frequency shift key modulation/Gaussian FSK (BT = 1)
Internal temperature sensor
Minimal external components
1.3 Technical Features
Operating voltage range: 2.2 to 3.3V
Operating temperature range: -40° to +85
oC
Operating frequency range: 300 to 928MHz
Data rate:
o
1 to 19.2kbps (OOK)
o
2 to 128kbps (FSK/GFSK)
Transmit output power:
o
+15dBm max (high power)
o
+0dBm max (low power)
Transmit current: 50mA typical (15dBm)
5
AMI Semiconductor – Aug. 05, Rev. 1.0
www.amis.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com