Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FS6377-01G Datasheet(PDF) 13 Page - AMI SEMICONDUCTOR

Part # FS6377-01G
Description  Programmable 3-PLL Clock Generator IC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMI [AMI SEMICONDUCTOR]
Direct Link  http://www.amis.com
Logo AMI - AMI SEMICONDUCTOR

FS6377-01G Datasheet(HTML) 13 Page - AMI SEMICONDUCTOR

Back Button FS6377-01G Datasheet HTML 9Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 10Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 11Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 12Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 13Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 14Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 15Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 16Page - AMI SEMICONDUCTOR FS6377-01G Datasheet HTML 17Page - AMI SEMICONDUCTOR Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
13
AMI Semiconductor
www.amis.com
FS6377-01/FS6377-01g Programmable 3-PLL Clock Generator IC
Data Sheet
Table 12. DC Electrical Specifications
Parameter
Symbol
Conditions/Description
Min.
Typ.
Max.
Units
Overall
Supply Current, Dynamic, With
Loaded Outputs
IDD
VDD = 5.5V, fCLK = 50MHz, CL = 15pF
See Figure 10 for more information
43
mA
Supply Current, Static
IDDL
VDD = 5.5V, device powered down
0.3
mA
Power-Down, Output Enable Pins (PD, OE)
High-Level Input Voltage
VIH
VDD = 5.5V
3.85
VDD+0.3
V
VDD = 3.6V
2.52
VDD+0.3
Low-Level Input Voltage
VIL
VDD = 5.5V
VSS-0.3
1.65
V
VDD = 3.6V
VSS-0.3
1.08
Hysteresis Voltage
Vhys
VDD = 5.5V
2.20
V
VDD = 3.6V
1.44
High-Level Input Current
IIH
-1
1
mA
Low-Level Input Current (pull-up)
IIL
VIL = 0V
-20
-36
-80
mA
Serial Interface I/O (SCL, SDA)
High-Level Input Voltage
VIH
VDD = 5.5V
3.85
VDD+0.3
V
VDD = 3.6V
2.52
VDD+0.3
Low-Level Input Voltage
VIL
VDD = 5.5V
VSS-0.3
1.65
V
VDD = 3.6V
VSS-0.3
1.08
Hysteresis Voltage
Vhys
VDD = 5.5V
2.20
V
VDD = 3.6V
1.44
High-Level Input Current
IIH
-1
1
mA
Low-Level Input Current (pull-up)
IIL
VIL = 0V
-20
-36
-80
mA
Low-Level Output Sink Current (SDA)
IOL
VOL = 0.4V, VDD = 5.5V
26
mA
Mode and Frequency Select Inputs (ADDR, SEL_CD)
High-Level Input Voltage
VIH
VDD = 5.5V
2.4
VDD+0.3
V
VDD = 3.6V
2.0
VDD+0.3
Low-Level Input Voltage
VIL
VDD = 5.5V
VSS-0.3
0.8
V
VDD = 3.6V
VSS-0.3
0.8
High-Level Input Current
IIH
-1
1
mA
Low-Level Input Current (pull-up)
IIL
-20
-36
-80
mA
Crystal Oscillator Feedback (XIN)
Threshold Bias Voltage
VTH
VDD = 5.5V
2.9
V
VDD = 3.6V
1.7
High-Level Input Current
IIH
VDD = 5.5V
54
mA
VDD = 5.5V, oscillator powered down
5
15
mA
Low-Level Input Current
IIL
VDD = 5.5V
-25
-54
-75
mA
Crystal Loading Capacitance*
CL(xtal)
As seen by an external crystal connected to XIN and XOUT
18
pF
Input Loading Capacitance*
CL(XIN)
As seen by an external clock driver on XOUT; XIN unconnected
36
pF
Crystal Oscillator Drive (XOUT)
High-Level Output Source Current
IOH
VDD = V(XIN) = 5.5V, VO = 0V
10
21
30
mA
Low-Level Output Sink Current
IOL
VDD = 5.5V, V(XIN) = 0V, VO = 5.5V
-10
-21
-30
mA
Clock Outputs (CLK_A, CLK_B, CLK_C, CLK_D)
High-Level Output Source Current
IOH
VO = 2.4V
-125
mA
Low-Level Output Sink Current
IOL
VO = 0.4V
23
mA
Output Impedance
ZOH
VO = 0.5VDD; output driving high
29
W
ZOL
VO = 0.5VDD; output driving low
27
Tristate Output Current
IZ
-10
10
mA
Short Circuit Source Current*
ISCH
VDD = 5.5V, VO = 0V; shorted for 30s, max.
-150
mA
Short Circuit Sink Current*
ISCL
VDD = VO = 5.5V, shorted for 30s, max.
123
mA
Unless otherwise stated, VDD = 5.0V ± 10%, no load on any output, and ambient temperature range TA = 0°C to 70°C. Parameters denoted with an asterisk ( * ) represent nominal
characterization data and are not currently production tested to any specific limits. Min. and Max. characterization data are ± 3
s from typical. Negative currents indicate current flows out of
the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com