Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

M24256E-FDW6TP Datasheet(PDF) 7 Page - STMicroelectronics

Part # M24256E-FDW6TP
Description  256-Kbit serial I²C bus EEPROM with configurable device address and preprogrammed device address
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256E-FDW6TP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M24256E-FDW6TP Datasheet HTML 3Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 4Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 5Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 6Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 7Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 8Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 9Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 10Page - STMicroelectronics M24256E-FDW6TP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
4
Features
4.1
Identification page
The identification page (64 bytes) is an additional page which can be read or written and (later) permanently
locked in read-only mode. It is read or written by issuing the read or write identification page instruction. These
instruction uses the same protocol and format as the random address read or page write (from/into memory array)
except for the following differences (refer to Table 5, Table 6 and Table 7):
•
Device type identifier = 1011b
•
MSB address bits A15/A6 are don't care except for address bit A10 which must be ‘0’
•
LSB address bits A5/A0 define the byte address inside the Identification page
If the identification page is locked, the data bytes transferred during the write identification page instruction are not
acknowledged (NoACK).
Note:
MSB address bits A15/A14/A13 with values '110' (A15=1;A14=1;A13=0) are only recognized and decoded for
CDA management.
4.2
Configurable device address register (CDA)
As the M24256E-F is delivered without chip enable inputs, the device provides a non-volatile 8-bit register
allowing the user to define a configurable device address (CDA) and a specific bit, named device address lock
(DAL), to freeze the configurable device address register. This register can be read and written by issuing the
read or write configurable device address instructions. These instructions use the same protocol and format as
the random address read or page write (from/into memory array) except for the following differences (refer to
Table 5, Table 6 and Table 7):
•
Device type identifier = 1011b
•
MSB address bits A15/A14/A13 must be equal to '110' (A15=1, A14=1 and A13=0)
•
MSB address bits A12/A8 are don't care
•
LSB address bits A7/A0 are don't care
The description of the configurable device address register is given in Table 2.
Table 2. configurable device address register format
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
X (1)
X(1)
X(1)
X(1)
C2
C1
C0
DAL
1. X = Don’t care bits. Read as 0.
Note:
Register default value is 00000000b.
For devices delivered with pre programmed device address:
•
the default value of C2, C1, C0 are given in Table 4.
•
DAL is set to '1'
M24256E-F
Features
DS12687 - Rev 3
page 7/46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com