Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STP7NK80Z Datasheet(PDF) 3 Page - STMicroelectronics

Part # STP7NK80Z
Description  N-channel 800V - 1.5廓 - 5.2A - TO-220/TO-220FP/D2PAK/I2PAK Zener-protected SuperMESH??Power MOSFET
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP7NK80Z Datasheet(HTML) 3 Page - STMicroelectronics

  STP7NK80Z Datasheet HTML 1Page - STMicroelectronics STP7NK80Z Datasheet HTML 2Page - STMicroelectronics STP7NK80Z Datasheet HTML 3Page - STMicroelectronics STP7NK80Z Datasheet HTML 4Page - STMicroelectronics STP7NK80Z Datasheet HTML 5Page - STMicroelectronics STP7NK80Z Datasheet HTML 6Page - STMicroelectronics STP7NK80Z Datasheet HTML 7Page - STMicroelectronics STP7NK80Z Datasheet HTML 8Page - STMicroelectronics STP7NK80Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
STP7NK80Z - STP7NK80ZFP - STB7NK80Z - STB7NK80Z-1
Electrical ratings
3/18
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220 / D²PAK
I²PAK
TO-220FP
VDS
Drain-source voltage (VGS = 0)
800
V
VGS
Gate- source voltage
± 30
V
ID
Drain current (continuous) at TC = 25°C
5.2
5.2 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100°C
3.3
3.3 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
20.8
20.8(1)
A
PTOT
Total dissipation at TC = 25°C
125
30
W
Derating factor
1
0.24
W/°C
VESD(G-S) Gate source ESD(HBM-C=100pF, R=1.5KΩ)
4000
V
dv/dt (3)
3.
ISD ≤5.2 A, di/dt ≤200A/µs, VDD ≤V(BR)DSS, Tj ≤TJMAX.
Peak diode recovery voltage slope
4.5
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1s; Tc= 25°C)
--
2500
V
Tj
Tstg
Max operating junction temperature
Storage temperature
-55 to 150
°C
°C
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
TO-220/D2PAK
I2PAK
TO-220FP
Rthj-case Thermal resistance junction-case max
1
4.2
°C/W
Rthj-amb
Thermal resistance junction-ambient max
62.5
°C/W
Tl
Maximum lead temperature for soldering
purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com