Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

EVAL-AD3552RFMC2Z Datasheet(PDF) 37 Page - Analog Devices

Part # EVAL-AD3552RFMC2Z
Description  Dual Channel, 16-Bit, 33 MUPS, Multispan, Multi-IO SPI DAC
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD3552RFMC2Z Datasheet(HTML) 37 Page - Analog Devices

Back Button EVAL-AD3552RFMC2Z Datasheet HTML 33Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 34Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 35Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 36Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 37Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 38Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 39Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 40Page - Analog Devices EVAL-AD3552RFMC2Z Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 70 page
background image
Data Sheet
AD3552R
THEORY OF OPERATION
analog.com
Rev. B | 37 of 70
Register Map SPI Access Modes
The register map is divided in two regions, primary and secondary.
The registers related to interface configuration, DAC configuration,
and error flags are comprised in the primary region from Address
0x0 to Address 0x1E. If the QSPI pin is low, this region can only be
accessed in classic SPI mode with or without DDR, regardless of
the value of MULTI_IO_MODE in the TRANSFER_REGISTER.
The registers affecting the output value of the DAC are comprised
in the secondary region from Address 0x28 to Address 0x4B. This
region can be accessed in any of the SPI modes, with or without
DDR.
If the QSPI pin is high, the interface is configured in full quad
SPI mode for any communication to primary or secondary region
registers.
Figure 89. Register Access Modes
SDIO Drive Strength
The driving strength of the SDIO lines on the SDIO3, SDIO2, SDO/
SDIO1, and SDI/SDIO0 pins can be configured to four different
levels by setting the SDIO_DRIVE_STRENGTH bits in the INTER-
FACE_CONFIG_D register.
Higher drive strength value corresponds to a faster signal slew rate,
as shown in Figure 90. However, higher slew rate means higher
peak current and higher digital noise in the system. The default
value is medium low strength.
Figure 90. Driving Strength Options
DAC UPDATE MODES
There are several ways to update the DAC outputs, synchronously
or asynchronously, simultaneously, or individually.
A synchronous update occurs when the change of the DAC output
is triggered by an external signal, such as LDAC, which can be
common to many devices. In this case, the controller loads a value
in the input register that is later transferred to the DAC register
on the falling edge of the LDAC signal, causing the simultaneous
update of all VOUTx signals.
If the synchronous update is only required in one of the DACs, the
LDAC signal can be masked using the HW_LDAC_MASK_CHx bits
in the HW_LDAC_16B or the HW_LDAC_24B registers depending
on the precision mode.
An asynchronous update occurs when the change of the DAC
output follows an operation on the register set. In this case, the
change is aligned with the SCLK edge that shifts the last register
bit in. The update can be on one DAC or both DACs simultaneously
following the several combinations described in Table 15.
Page mask registers can be used to transfer the same data to
one or both channels, according to the value of the SEL_CHx bits
in the CH_SELECT_16B or CH_SELECT_24B registers. Writing
to the DAC_PAGE register transfers the data to the CHx_DAC
registers and writing to the INPUT_PAGE register transfers the data
to the CHx_INPUT registers. The data flow between registers is
summarized in Figure 91.
Figure 91. DAC Data Flow Between Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com