Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DI-23 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-23
Description  10 W, Multi-output, High Speed Modem Power Supply
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-23 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-23 Datasheet HTML 1Page - Power Integrations, Inc. DI-23 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
C
12/04
DI-23
Power Integrations
5245 Hellyer Avenue
San Jose, California 95138
MAIN PHONE NUMBER
APPLICATIONS HOTLINE
APPLICATIONS FAX
For a complete listing of worldwide sales offices,
+1 408-414-9200
+1 408-414-9660
+1 408-414-9760
please visit www.powerint.com
The PI logo, TOPSwitch, TinySwitch, LinkSwitch, DPA-Switch and EcoSmart are registered trademarks of Power Integrations. PI Expert and
PI FACTS
are trademarks of Power Integrations. Copyright 2004, Power Integrations
Power Integrations may make changes to its products at any time. Power Integrations has no liability arising from your use of any information, device or circuit described
herein nor does it convey any license under its patent rights or the rights of others. POWER INTEGRATIONS MAKES NO WARRANTIES HEREIN AND SPECIFICALLY
DISCLAIMS ALL WARRANTIES INCLUDING, WITHOUT LIMITATION, THE IMPLIED WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE,
AND NON-INFRINGEMENT OF THIRD PARTY RIGHTS. The products and applications illustrated herein (including circuits external to the products and transformer
construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign patent applications assigned to Power Integrations.
A complete list of Power Integrations' patents may be found at www.powerint.com.
For the latest updates, visit www.powerint.com
Key Design Points
• Use K
RP (Ripple-to-peak current ratio) in the range of
0.4–0.6 for better efficiency.
• Select V
OR (reflected output voltage) of 90 V to 110 V for
optimum performance.
• Opto with CTR range of 80% to 160% recommended.
• PCB traces which carry high switching voltages and current
should be short and wide to reduce EMI.
Table 1. Transformer Construction Information.
Table 2. Worst Case Output Cross-Regulation - Outputs Taken
from Minimum to Maximum Load.
Figure 2. Conducted Emissions – EN55022 Class B (QP and AV),
230 VAC, Full Load, Artificial Hand Connected to
Secondary Return.
1.0
0.15
10.0
130.0
-20
-10
0
10
20
30
40
50
60
80
70
MHz
AV
QP
Average
Quasi Peak
• Reduce leakage inductance and improve cross-regulation
by filling each winding layer across the entire width of the
bobbin.
• Use shield windings to improve EMI.
• Use a layer of insulation tape between layers of primary
winding to reduce inter-winding capacitance.
• D5 should be a GP type (glass passivated) to ensure a
controlled reverse recovery time.
VO
Load
Range
(Amp)
3.3
0.3-1.5
5
0.3-0.9
30
0.01-0.03
Regulation (%)
-8 -7 -6 -5 -4 -3 -2 -1 0 1 2 3 4 5 6 7 8 9 10
TRANSFORMER PARAMETERS
Core Material
EE25, Nippon Ceramic NC-2H or
equivalent, A
LG = 351 nH/T
2
Bobbin
YW-360-02B, YIH-HWA, 10 pin Vertical
Primary Resonant
Frequency
500 kHz (minimum)
Winding Order
(Pin Numbers)
Shield (1-NC), 3 x tape, Primary (2-1),
with tape between layers, tape,
Bias (5-4), 6 x tape, 3.3 V (6-7),
tape, 5 V (9-6), tape, 30 V (10-9),
2 x tape, Shield (1-3), 3 x tape
Winding Details
Shield: 15T, 2 x 29 AWG
Primary: 49T, 27 AWG
Bias: 7T, 3 x 28 AWG
3.3 V: 2T, 3 x 26 AWG T.I.W.
5 V: 1T, 26 AWG T.I.W.
30 V: 13T, 26 AWG T.I.W.
(T.I.W. = Triple Insulated Wire)
Inductance
Primary: 1 mH ±10%,
Leakge: 30 µH (maximum)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com