Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DI-34 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-34
Description  5 W Universal Adapter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-34 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-34 Datasheet HTML 1Page - Power Integrations, Inc. DI-34 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
B
5/03
DI-34
WORLD HEADQUARTERS
AMERICAS
Power Integrations, Inc.
San Jose, CA 95138 USA
Customer Service:
Phone:
+1 408-414-9665
Fax:
+1 408-414-9765
e-mail: usasales@powerint.com
CHINA
Power Integrations International
Holdings, Inc.
China
Phone:
+86-755-8367-5143
Fax:
+86-755-8377-9610
e-mail: chinasales@powerint.com
SINGAPORE
Power Integrations, Singapore
Republic of Singapore 308900
Phone:
+65-6358-2160
Fax:
+65-6358-2015
e-mail: singaporesales@powerint.com
JAPAN
Power Integrations, K.K.
Keihin-Tatemono 1st Bldg.
Japan
Phone:
+81-45-471-1021
Fax:
+81-45-471-3717
e-mail: japansales@powerint.com
EUROPE & AFRICA
Power Integrations (Europe) Ltd.
United Kingdom
Phone:
+44-1344-462-300
Fax:
+44-1344-311-732
e-mail: eurosales@powerint.com
KOREA
Power Integrations
International Holdings, Inc.
Seoul, Korea
Phone:
+82-2-782-2840
Fax:
+82-2-782-4427
e-mail: koreasales@powerint.com
TAIWAN
Power Integrations
International Holdings, Inc.
Taipei, Taiwan
Phone:
+886-2-2727-1221
Fax:
+886-2-2727-1223
e-mail: taiwansales@powerint.com
INDIA (Technical Support)
Innovatech
Bangalore, India
Phone:
+91-80-226-6023
Fax:
+91-80-228-9727
e-mail: indiasales@powerint.com
APPLICATIONS HOTLINE
APPLICATIONS FAX
World Wide +1-408-414-9660
World Wide +1-408-414-9760
Core
Bobbin
Winding Order
(pin numbers)
Primary Inductance
(Pins 1-4 all others open)
Primary Resonant
Frequency (Pins 1-4, all
other open)
Leakage Inductance
(Pins 1-4, with Pins 8-14
shorted)
TRANSFORMER PARAMETERS
Table 1. Transformer Design Parameters.
EE16, Nippon Ceramic NC-2H or
equivalent, A
L = 135 nH/T
2
EEL16 Vertical
Shield (1-NC), Primary (4-1), Shield
(3-2), and Secondary (10-8).
1660 µH ±10%
400 kHz (minimum)
70 µH (maximum)
For the latest updates, visit our Web site: www.powerint.com
Power Integrations reserves the right to make changes to its products at any time to improve reliability or manufacturability.
Power Integrations does not assume any liability arising from the use of any device or circuit described herein, nor does it convey any
license under its patent rights or the rights of others. The products and applications illustrated herein (including circuits external to the
products and transformer construction) may be covered by one or more U.S. and foreign patents or potentially by pending U.S. and foreign
patent applications assigned to Power Integrations. A complete list of Power Integrations’ patents may be found at www.powerint.com.
The PI Logo, TOPSwitch, TinySwitch, LinkSwitch and EcoSmart are registered trademarks of Power Integrations, Inc.
PI Expert is a trademark of Power Integrations, Inc. ©Copyright 2003, Power Integrations, Inc.
Figure 3. Conducted Emissions–EN55022 Class B (QP and AVG),
5 V, 1 A, 230 VAC, with Artificial Hand Connected to
Secondary Return.
Figure 2. No-load Input Power Consumption.
Key Design Points
• Use K
RP (ripple-to-peak current ratio) in the range of 0.4 to
0.6 and V
OR
(output reflected voltage) of 90 V to
110 V for best efficiency.
• Use low cost optocoupler - gain is non-critical.
• PCB traces which carry high switching voltages and current
should be short and wide to reduce EMI.
• Reduce leakage inductance by filling each winding layer
across the entire width of the bobbin.
• R4 should be large enough to limit dissipation, to meet
<300 mW no-load target, while still limiting peak DRAIN
voltage to a safe value – 200 k
Ω is a good start value for
most designs.
•A layer of insulation tape between each layer of primary
winding will further reduce inter-winding capacitance and
therefore switching losses.
• Ferrite bead L2 reduces radiated EMI.
50
150
200
250
100
300
Input Voltage (VAC)
150
100
50
0
200
250
300
IO = 0 A
1.0
0.15
10.0
-100.0
-20
-10
0
10
20
30
40
50
60
80
70
Frequency (MHz)
QP
AV
Average
Quasi Peak



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com