Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DI-53 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-53
Description  50 W DC-DC Dual Output Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-53 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-53 Datasheet HTML 1Page - Power Integrations, Inc. DI-53 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
7/03
DI-53
Table 1. Transformer Design Parameters.
Figure 2. Efficiency vs. Output Power.
Key Design Points
• Capacitors C20, C
Q1gs and CQ3gs will all load transformer
reset. Choose values to ensure sufficient reset at low line
and safe maximum drain voltage at high line. Also use
300 kHz operation for longest reset time.
• Capacitors C21 and C22 will capacitively drive MOSFET
gate capacitances C
Q2gs and CQ4gs (respectively). C21 and
C22 should be chosen to ensure that gate drive voltage
attains turn-on threshold of MOSFET (Vg
TH), at worst case
conditions (low line for forward MOSFET).
• Reduce transformer leakage inductance by filling each
winding layer across the entire width of the bobbin.
• Higher efficiency (+1%) can be acheived by using a
DPA426R and increasing R3 to reduce the internal current
limit.
26
8
410
12
IOUT1 + IOUT2 (A)
75
65
70
60
80
85
95
90
36 VDC
54 VDC
72 VDC
TRANSFORMER PARAMETERS
Core Material
Bobbin
Winding Details
5 V (6, 7-8, 9), Primary (1-10), 3.3 V
(4.5-2.3)
Winding Order and
Pin Numbers
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
Primary 11T, 4 x 28 AWG
3.3 V 2T, 2 x 4 x 26 AWG
5 V 3T, 2 x 4 x 26 AWG
3.8 MHz (minimum)
Ferroxcube P/N: EFD25-3F3, ungapped
10-pin EFD25 surface mount bobbin
250 µH ±25% at 300 kHz
0.8 µH (maximum)
INDUCTOR PARAMETERS
Core Material
Bobbin
Winding Details
Inductance
Pin (1, 2-3, 4): 3.5 µH ±10% at 300 kHz
5 V (9, 10-7, 8), 3.3 V (1, 2-3, 4),
Bias (FL1-FL2)
5 V 6T, 2 x 4 x 26 AWG
3.3 V 4T, 2 x 4 x 26 AWG
Bias 12T, 1 x 30 TIW
10-pin EFD20 surface mount bobbin
Ferroxcube P/N: EFD25-3F3 ungapped
Winding Order and
Pin Numbers
Table 1. Inductor Design Parameters.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com