Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DI-56 Datasheet(PDF) 2 Page - Power Integrations, Inc.

Part # DI-56
Description  19.2 W DC-DC Converter
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DI-56 Datasheet(HTML) 2 Page - Power Integrations, Inc.

  DI-56 Datasheet HTML 1Page - Power Integrations, Inc. DI-56 Datasheet HTML 2Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.powerint.com
A
9/03
DI-56
Table 1. Transformer Design Parameters.
Key Design Points
• For the nominal under-voltage set point V
UV:
R1 = (V
UV – 2.35) / 50 µA
V
OV = (R1 x 135 µA) + 2.5 V
• For highest efficiency designs: use continuous conduction
mode operation designed at approximately 0.4 KRP;
minimize turns in the transformer and at this (19 W) power
level keep AC flux density (BM) <1500 Gauss; fully fill a
single layer for each winding to minimize leakage
inductance and maximize copper fill factor; if possible use
Schottky rectifying diodes (D20 and D30) with a low-
forward drop.
• The transformer primary is split in order to minimize
leakage inductance and thus obtain better cross-regulation.
Note: minimizing primary leakage inductance will improve
output cross-regulation at load extremes.
• The -12 V output is not directly sensed as part of the
regulation loop. Cross-regulation may be improved by
adding a second sense resistor to work in conjunction with
R10. Both resistors R10 and the second sense resistor
would be changed to 76 k
Ω each.
• Set resonant frequency of post-filter (L2, C22 or L3, C32)
beyond crossover frequency (typically 5% to 10% of
switching frequency).
• Good layout practices
- For length of +12 V secondary current loop from
transformer pin 8, diode D30 and capacitors C30, C31
and back to pin 7 of the transformer: ensure identical
path length for C30 and C31 to guarantee they equally
share the ripple current.
- The same is also true for the layout of the -12 V output.
• Choosing a larger DPA-Switch will increase efficiency at
low and medium input voltages.
TRANSFORMER PARAMETERS
Core Material
Bobbin
Winding Details
Winding Order &
Pin Numbers
Primary Inductance
Primary Resonant
Frequency
Leakage Inductance
Primary 7T + 7T, 2 x 29 AWG
Bias 5T, 1 x 36 AWG
+12 V 5T, 2 x 29 AWG
-12 V 5T, 2 x 29 AWG
22 µH ±25% (at 400 kHz)
Epcos P/N: P 14x8 N87, ungapped
8-pin P 14x8 surface mount bobbin
Primary-1 (4-NC), -12 V (6-5), Bias (2-3),
+12 V (8-7), Primary-2 (NC-1)
3.8 MHz (minimum)
0.75 µH (maximum)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com