Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RPE4 Datasheet(PDF) 16 Page - Allegro MicroSystems

Part # A19360LUBATN-RPE4
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RPE4 Datasheet(HTML) 16 Page - Allegro MicroSystems

Back Button A19360LUBATN-RPE4 Datasheet HTML 10Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 11Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 12Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 13Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 14Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 15Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 16Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 17Page - Allegro MicroSystems A19360LUBATN-RPE4 Datasheet HTML 18Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
16
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
POWER DERATING
The device must be operated below the maximum junction
temperature of the device, TJ(max). Under certain combinations of
peak conditions, reliable operation may require derating supplied
power or improving the heat dissipation properties of the appli-
cation. This section presents a procedure for correlating factors
affecting operating TJ. (Thermal data is also available on the
Allegro MicroSystems website.)
The package thermal resistance, RθJA, is a figure of merit sum-
marizing the ability of the application and the device to dissipate
heat from the junction (die), through all paths to the ambient air. Its
primary component is the effective thermal conductivity, K, of the
printed circuit board, including adjacent devices and traces. Radia-
tion from the die through the device case, RθJC, is a relatively small
component of RθJA. Ambient air temperature, TA, and air motion
are significant external factors, damped by overmolding.
The effect of varying power levels (power dissipation, PD) can
be estimated. The following formulas represent the fundamental
relationships used to estimate TJ, at PD.
PD = VIN × IIN
(1)
ΔT = PD × RθJA
(2)
TJ = TA + ΔT
(3)
For example, given common conditions such as:
TA = 25 °C, VCC = 12 V, ICC = 7.15 mA, and RθJA = 213 °C/W,
then:
PD = VCC × ICC = 12 V × 7.15 mA = 85.8 mW
ΔT = PD × RθJA = 85.8 mW × 213 °C/W = 18.3 °C
TJ = TA + ΔT = 25 °C + 18.3 °C = 43.3 °C
A worst-case estimate, PD(max), represents the maximum allow-
able power level (VCC(max), ICC(max)), without exceeding TJ(max),
at a selected RθJA and TA.
Example: Reliability for VCC at TA = 150 °C.
Observe the worst-case ratings for the device, specifically:
RθJA = 213 °C/W (subject to change), TJ(max) = 175 °C,
VCC(max) = 24 V, and ICC(AVG) = 21 mA. ICC(AVG) is computed
using ICC(HIGH)(max) and ICC(LOW)(max), with a duty cycle of 50%
computed from fsig(max) for the -xAx4 variant.
To calculate the maximum allowable power level, PD(max), first
rearrange Equation 3:
ΔTmax = TJ(max) – TA = 175 °C – 150 °C = 25 °C
This provides the allowable increase to TJ resulting from internal
power dissipation. Then, rearrange Equation 2:
PD(max) = ΔTmax ÷ RθJA = 25 °C ÷ 213 °C/W = 117.4 mW
Finally, solve Equation 1 with respect to voltage:
VCC(est) = PD(max) ÷ ICC(max) = 117.4 mW ÷ 21 mA = 5.6 V
The result indicates that, at TA , the application and device can
dissipate adequate amounts of heat at voltages ≤ VCC(est).
Compare VCC(est) to VCC(max). If VCC(est) ≤ VCC(max), then reli-
able operation between VCC(est) and VCC(max) requires enhanced
RθJA. If VCC(est) ≥ VCC(max), then operation between VCC(est) and
VCC(max) is reliable under these conditions.
0
100
200
300
400
500
600
700
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
1900
20
40
60
80
100
120
140
160
180
Temperature (°C)
(RθJA = 213ºC/W)
1-layer PCB, Package UB
6
7
8
9
2
3
4
5
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
20
40
60
80
100
120
140
160
180
Temperature (ºC)
VCC(min)
VCC(max)
(RθJA = 213ºC/W)
1-layer PCB, Package UB
Figure 20: Power Derating Curve
Figure 21: Power Dissipation
versus Ambient Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com