Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RPR8 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A19360LUBATN-RPR8
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RPR8 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A19360LUBATN-RPR8 Datasheet HTML 1Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 2Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 3Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 4Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 5Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 6Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 7Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RPR8 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
4
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Continued on the next page…
OPERATING CHARACTERISTICS: Valid throughout full operating voltage and temperature ranges, unless otherwise specified
Characteristic
Symbol
Test Conditions
Min.
Typ. [1]
Max.
Unit
ELECTRICAL CHARACTERISTICS
Supply Voltage[2]
VCC
Potential between pin
1 and pin 2
-xxRx variant[3]
4.25
–
24
V
-xxEx variant
5.2
–
24
V
Undervoltage Lockout (UVLO)
VCC(OFF)
VCC switch off
–
–
3.5
V
UVLO Hysteresis
VHYS
-xxRx variant
0.5
–
–
V
-xxEx variant
1.5
–
–
V
Reverse Supply Current[4]
IRCC
VCC = VRCC(MAX)
–10
–
–
mA
Supply Zener Clamp Voltage
VZsupply
ICC = ICC(MAX) + 3 mA
28
–
–
V
Supply Current
ICC(LOW)
Low-current state
5.88
7
8.4
mA
ICC(MID)
Mid-current state
11.76
14
16.8
mA
ICC(HIGH)
High-current state
23.52
28
33.6
mA
Supply Current Ratio [5]
ICC(MID)/ICC(LOW) (isothermal)
1.9
–
–
–
ICC(HIGH)/ICC(LOW) (isothermal)
3.8
–
–
–
Fault Current
IFAULT
Refer to the figure in the Output Protocol in
Fault Condition section
1
–
3.8
mA
Fault Current Duration
tW(FAULT)
Refer to the figure in the Output Protocol in
Fault Condition section
4
–
7
ms
Output Rise, Fall Slew Rate
SR
RL = 50 Ω, CL = 10 pF, measured between
10% and 90% of signal
8
–
28
mA/μs
POWER-ON CHARACTERISTICS
Power-On State
POS
VCC > VCC(min), as connected in Figure 3
ICC(LOW)
mA
Power-On Time[6]
tPO
VCC > VCC(min), as connected in Figure 3
–
–
1
ms
Calibration Time
TCAL
Post tPO time to first
AK protocol output
event (f < 200 Hz)
-xAx8 variant
–
0.75
1.25
TCYCLE
-xAx4 variant
–
1
1.5
TCYCLE
Post tPO time to first
valid direction event
(f < 200 Hz)
-xxx8 variant
–
0.75
1.25
TCYCLE
-xxx4 variant
–
1
1.5
TCYCLE
[1]
Typical values are at TA = 25°C and VCC = 12 V. Performance may vary for individual units, within the specified maximum and minimum limits.
[2]
Maximum voltage must be adjusted for power dissipation and junction temperature; see representative Power Derating section.
[3]
Part switching may cause the part to re-enter UVLO when this option is used with the AK protocol and a 50 Ω load.
[4]
Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
[5]
Supply current ratios are taken as the mean value of ICC(MID) / ICC(LOW) and the mean value of ICC(HIGH) / ICC(LOW), respectively.
[6]
Time between power-on to ICC stabilizing; output transients prior to tPO should be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com