Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

A19360LUBATN-RPE8 Datasheet(PDF) 12 Page - Allegro MicroSystems

Part # A19360LUBATN-RPE8
Description  High-Resolution GMR Wheel Speed and Distance Sensor IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A19360LUBATN-RPE8 Datasheet(HTML) 12 Page - Allegro MicroSystems

Back Button A19360LUBATN-RPE8 Datasheet HTML 8Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 9Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 10Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 11Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 12Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 13Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 14Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 15Page - Allegro MicroSystems A19360LUBATN-RPE8 Datasheet HTML 16Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
High-Resolution GMR Wheel Speed and Distance Sensor IC
A19360
12
Allegro MicroSystems
955 Perimeter Road
Manchester, NH 03103-3353 U.S.A.
www.allegromicro.com
Figure 14: ICC(MID) Pulse-Truncating Standstill Pulse Ex-
ample, -xAx8 Variant
Standstill
Request
High-
Resolution
Request
tPSSD
ICC(MID)
ICC(Low)
Figure 15: ICC(HIGH) Pulse-Truncating Standstill Pulse
Example
Standstill
Request
Primary
Request
ICC(MID)
ICC(LOW)
ICC(HIGH)
If no pulses are output for tSTOP, in the -xAxx variant of the
A19360, a standstill pulse is generated. The standstill event is
always generated with an ICC(MID) speed pulse. For the -xAx8
variant, where high-resolution pulses are also generated with an
ICC(MID) pulse, the A19360 delays the high-resolution pulse by
tPSSD if a high-resolution pulse truncates a standstill pulse.
Data bits [5:7] report the air-gap indication. These bits give eight
air-gap ranges with respect to the measured peak-to-peak mag-
netic field, BDIFF(pk-pk).
LM Air Gap Table
Standstill
Table 3: Data Bits [5:7]—Air Gap Indications
LM2
LM1
LM0
BDIFF(pk-pk) Range (Typ.)
0
0
0
< 5.6 G
0
0
1
5.6 to 11 G
0
1
0
11 to 22 G
0
1
1
22 to 45 G
1
0
0
45 to 90 G
1
0
1
90 to 180 G
1
1
0
180 to 360 G
1
1
1
> 360 G
Data bits [5:7] report which HR pulse was generated. These bits
allow for up to eight unique pulse labels, so each HR pulse has a
unique label.
HR2
HR1
HR0
Description
0
0
0
Unused
0
0
1
HR pulse 1
0
1
0
HR pulse 2
0
1
1
HR pulse 3
1
0
0
Unused
1
0
1
HR pulse 4
1
1
0
HR pulse 5
1
1
1
HR pulse 6
Table 4: Data Bits [5:7]—HR Pulses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com