Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STPS20H100CFP Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS20H100CFP
Description  High voltage power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20H100CFP Datasheet(HTML) 1 Page - STMicroelectronics

  STPS20H100CFP Datasheet HTML 1Page - STMicroelectronics STPS20H100CFP Datasheet HTML 2Page - STMicroelectronics STPS20H100CFP Datasheet HTML 3Page - STMicroelectronics STPS20H100CFP Datasheet HTML 4Page - STMicroelectronics STPS20H100CFP Datasheet HTML 5Page - STMicroelectronics STPS20H100CFP Datasheet HTML 6Page - STMicroelectronics STPS20H100CFP Datasheet HTML 7Page - STMicroelectronics STPS20H100CFP Datasheet HTML 8Page - STMicroelectronics STPS20H100CFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
March 2007
Rev 5
1/11
11
A1
K
A2
A1
K
A2
A1
K
A2
STPS20H100C
High voltage power Schottky rectifier
Main product characteristics
Features and benefits
Negligible switching losses
High junction temperature capability
Good trade off between leakage current and
foward voltage drop
Low leakage current
Avalanche rated
Insulated package: TO-220FPAB
Insulating voltage = 2000 V DC
Capacitance = 45 pF
Avalanche capability specified
Description
Dual center tap schottky rectifier designed for
high frequency miniature switched mode power
supplies such as adaptators and on board DC/DC
converters.
j
IF(AV)
2 x 10 A
VRRM
100 V
Tj (max)
175° C
VF(max)
0.64 V
A1
A2
K
D2PAK
STPS20H100CG
I2PAK
STPS20H100CR
TO-220FPAB
STPS20H100CFP
TO-220AB
STPS20H100CT
A1
K
A2
www.st.com


Similar Part No. - STPS20H100CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
138Kb / 8P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS20H100CFP STMICROELECTRONICS-STPS20H100CFP Datasheet
365Kb / 18P
100 V, 20 A power Schottky rectifier
20-Jan-2020
More results

Similar Description - STPS20H100CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS10H100CT STMICROELECTRONICS-STPS10H100CT Datasheet
105Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS2H100A STMICROELECTRONICS-STPS2H100A Datasheet
76Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Nov-1998
STPS30150CT STMICROELECTRONICS-STPS30150CT Datasheet
93Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Jul-2003
STPS80150CW STMICROELECTRONICS-STPS80150CW Datasheet
424Kb / 4P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
Oct-2003
logo
Gamma Microelectronics ...
GMR20H125C GAMMA-GMR20H125C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
GMR20H200C GAMMA-GMR20H200C Datasheet
135Kb / 6P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
BCD Semiconductor Manuf...
MBR20100C BCDSEMI-MBR20100C Datasheet
506Kb / 9P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
logo
Kersemi Electronic Co.,...
MBR20H100CT-E1 KERSEMI-MBR20H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR30H100CT-E1 KERSEMI-MBR30H100CT-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
MBR20H100CTF-E1 KERSEMI-MBR20H100CTF-E1 Datasheet
4Mb / 10P
HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com