Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STLVD111 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STLVD111
Description  Programmable low voltage 1:10 differential LVDS clock driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLVD111 Datasheet(HTML) 4 Page - STMicroelectronics

  STLVD111 Datasheet HTML 1Page - STMicroelectronics STLVD111 Datasheet HTML 2Page - STMicroelectronics STLVD111 Datasheet HTML 3Page - STMicroelectronics STLVD111 Datasheet HTML 4Page - STMicroelectronics STLVD111 Datasheet HTML 5Page - STMicroelectronics STLVD111 Datasheet HTML 6Page - STMicroelectronics STLVD111 Datasheet HTML 7Page - STMicroelectronics STLVD111 Datasheet HTML 8Page - STMicroelectronics STLVD111 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
STLVD111
4/19
Table 1.
Pin description
Pin n°
Symbol
Name and function
1
CK
Control register clock
2
SI
Control register serial IN/CLK_SEL
3
CLK0
Differential input
4
CLK0
Differential input
5VBB
Output reference voltage
6
CLK1
Differential input
7
CLK1
Differential input
8
EN
Device enable/program
9
GND
Ground
10
Q9
Differential outputs
11
Q9
Differential outputs
12
Q8
Differential outputs
13
Q8
Differential outputs
14
Q7
Differential outputs
15
Q7
Differential outputs
16
VCC
Supply voltage
17
Q6
Differential outputs
18
Q6
Differential outputs
19
Q5
Differential outputs
20
Q5
Differential outputs
21
Q4
Differential outputs
22
Q4
Differential outputs
23
Q3
Differential outputs
24
Q3
Differential outputs
25
GND
Ground
26
Q2
Differential outputs
27
Q2
Differential outputs
28
Q1
Differential outputs
29
Q1
Differential outputs
30
Q0
Differential outputs
31
Q0
Differential outputs
32
VCC
Supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com