Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE-1 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-1
Description  Frequency Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-1 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-1 Datasheet HTML 1Page - Mini-Circuits ADE-1 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
PCB Land Pattern
Suggested Layout,
Tolerance to be within ±.002
Level 7 (LO Power +7 dBm) 0.5 to 500 MHz
Frequency Mixer
Surface Mount
CASE STYLE: CD636
PRICE: $1.99 ea. QTY (100)
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. E
M102713
ADE-1
ED-7605/1
DJ/TD/CP/AM
061227
Page 1 of 2
1 dB COMP.: +1 dBm typ.
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
0.5-500
DC-500
5.0
0.10
6.5
7.8
70
50
55
35
45
30
65
45
40
25
30
20
15
A
B
C
D
E
F
G
.272
.310
.220
.100
.162
.055
.100
6.91
7.87
5.59
2.54
4.11
1.40
2.54
H
J
K
L
wt
.030
.026
.065
.300
grams
0.76
0.66
1.65
7.62
0.25
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
ADE-1
ADE-1+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Features
• low conversion loss, 5.0 dB typ.
• excellent L-R isolation, 55 dB typ.
• excellent IP3, 15 dBm typ.
• low profile package
• aqueous washable
• protected by US patent 6,133,525
Applications
• VHF/UHF
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
0.50
30.50
5.68
67.49
56.67
1.46
2.51
0.80
30.80
5.55
67.50
56.83
1.32
2.56
1.00
31.00
5.35
67.51
56.67
1.29
2.56
5.00
35.00
5.06
66.17
55.50
1.19
2.51
10.00
40.00
4.95
65.17
54.17
1.18
2.51
20.00
50.00
5.02
63.50
52.17
1.17
2.56
40.00
70.00
4.89
61.00
48.83
1.14
2.51
63.25
93.25
4.93
58.84
46.33
1.11
2.51
94.82
124.82
4.99
58.00
44.34
1.08
2.56
100.00
130.00
5.08
58.00
43.84
1.08
2.56
126.39
156.39
4.96
56.67
42.17
1.08
2.56
157.97
187.97
5.11
54.16
41.16
1.10
2.51
221.12
251.12
5.15
51.84
40.00
1.05
2.67
250.00
280.00
5.10
53.00
38.67
1.03
2.61
284.26
314.26
5.20
48.33
36.50
1.04
2.67
347.41
377.41
5.43
47.66
33.34
1.10
2.56
378.98
408.98
5.33
47.00
30.67
1.15
2.80
410.56
440.56
5.54
45.50
29.17
1.17
2.80
470.00
500.00
5.81
44.67
28.16
1.14
3.01
500.00
530.00
5.91
43.82
28.50
1.23
3.09


Similar Part No. - ADE-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
ADE-11X MINI-ADE-11X Datasheet
250Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-1

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-10MH MINI-ADE-10MH Datasheet
47Kb / 1P
Frequency Mixer
HJK-20VH MINI-HJK-20VH Datasheet
193Kb / 2P
Frequency Mixer
MBA-9 MINI-MBA-9 Datasheet
60Kb / 1P
Frequency Mixer
ADE-92 MINI-ADE-92 Datasheet
608Kb / 3P
Frequency Mixer
ADE-92MH MINI-ADE-92MH Datasheet
465Kb / 3P
Frequency Mixer
VAY-1 MINI-VAY-1 Datasheet
213Kb / 2P
Frequency Mixer
ZAD-11H MINI-ZAD-11H Datasheet
288Kb / 2P
Frequency Mixer
ZFM-3H MINI-ZFM-3H Datasheet
261Kb / 2P
Frequency Mixer
ZFM-4 MINI-ZFM-4 Datasheet
264Kb / 2P
Frequency Mixer
ZMX-7GHR MINI-ZMX-7GHR Datasheet
309Kb / 2P
Frequency Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com