Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MS2176 Datasheet(PDF) 2 Page - Advanced Power Technology

Part # MS2176
Description  RF AND MICROWAVE TRANSISTORS UHF PULSED APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

MS2176 Datasheet(HTML) 2 Page - Advanced Power Technology

  MS2176 Datasheet HTML 1Page - Advanced Power Technology MS2176 Datasheet HTML 2Page - Advanced Power Technology MS2176 Datasheet HTML 3Page - Advanced Power Technology MS2176 Datasheet HTML 4Page - Advanced Power Technology MS2176 Datasheet HTML 5Page - Advanced Power Technology MS2176 Datasheet HTML 6Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MS2176
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
ELECTRICAL SPECIFICATIONS (Tcase = 25
ELECTRICAL SPECIFICATIONS (Tcase = 25
°°C)
C)
STATIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
BVCBO
IC = 50 mA
IE = 0 mA
65
V
BVCES
IC = 50 mA
VBE = 0 V
65
V
BVCEO
IC = 50 mA
IB = 0 mA
28
V
BVEBO
IE = 10 mA
IC = 0 mA
3.5
V
ICES
VCE =30 V
IE = 0 mA
7.5
mA
hFE
VCE = 5 V
IC = 5 A
10
100
DYNAMIC
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Units
POUT
f = 425 MHz
PIN = 33.5 W
VCE = 40 V
300
W
GP
f = 425 MHz
PIN = 300 W
VCE = 40 V
9.5
dB
çC
f = 425 MHz
PIN = 25 W
VCE = 40 V
55
%
%
Note: Pulse Width = 250µSec, Duty Cycle = 10%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com