Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ISCD7027 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # ISCD7027
Description  Silicon Carbide Schottky Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISCD7027 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  ISCD7027 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISCD7027 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISCD7027 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Silicon Carbide Schottky Diode
ISCD7027
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS(TC = 25 °C unless otherwise specified)
SYMBO
L
PARAMETER
CONDITIONS
TYP
MAX
UNIT
VF
Maximum Instantaneous
Forward Voltage
IF= 10A
1.37
1.6
V
IF= 10A, TC= 175℃
1.66
-
IR
Maximum Instantaneous
Reverse Current
VR= VRWM
5
60
μA
VR= VRWM, TC= 175℃
12
-
QC
Total Capacitive Charge
VR=400V
30
--
nC
C
Total Capacitance,f=1MHZ
VR=1V
455
--
pF
VR=200V
57
--
VR=400V
56
--
EC
Capacitance Stored Energy
VR=400V
4.8
--
uJ
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com