Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA7053A Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TDA7053A
Description  Stereo BTL audio output amplifier with DC volume control
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA7053A Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TDA7053A Datasheet HTML 4Page - NXP Semiconductors TDA7053A Datasheet HTML 5Page - NXP Semiconductors TDA7053A Datasheet HTML 6Page - NXP Semiconductors TDA7053A Datasheet HTML 7Page - NXP Semiconductors TDA7053A Datasheet HTML 8Page - NXP Semiconductors TDA7053A Datasheet HTML 9Page - NXP Semiconductors TDA7053A Datasheet HTML 10Page - NXP Semiconductors TDA7053A Datasheet HTML 11Page - NXP Semiconductors TDA7053A Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
1997 Jul 15
8
Philips Semiconductors
Product specification
Stereo BTL audio output amplifier with DC
volume control
TDA7053A
Fig.7
Total worst case power dissipation as a
function of supply voltage.
(1) RL =8 Ω.
(2) RL =16 Ω.
(3) RL =25 Ω.
handbook, halfpage
04
8
16
VP (V)
4
3
1
0
2
MBG668
12
Pdiss
(W)
(2)
(3)
(1)
Fig.8
Voltage gain as a function of volume control
voltage.
handbook, halfpage
0
Gv
(dB)
2.0
VVC (V)
80
−40
−80
−120
40
0
MBG667
0.4
0.8
1.2
1.6
Fig.9
Noise voltage as a function of volume
control voltage.
f = 22 Hz to 22 kHz.
handbook, halfpage
2.0
VVC (V)
0
10−2
10−1
MBG664
1
0.4
0.8
1.2
1.6
Vno
(mV)
Fig.10 SVRR as a function of frequency.
(1) VDC = 1.4 V;Vripple = 0.2 V.
(2) VDC = 0.4 V; Vripple = 0.2 V.
handbook, halfpage
102
MBG663
10
1
10−2
10−1
f (kHz)
SVRR
(dB)
−20
−40
−60
−80
0
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com