Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HFS4 Datasheet(PDF) 1 Page - Hongfa Technology

Part # HFS4
Description  SOLID STATE RELAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HFS4 Datasheet(HTML) 1 Page - Hongfa Technology

  HFS4 Datasheet HTML 1Page - Hongfa Technology HFS4 Datasheet HTML 2Page - Hongfa Technology HFS4 Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
:OLZ[XOY
2ABL 1.12g,- IKBGM>= <BK<NBM ;H:K= FHNGM 1~. 110 IKHOB=>L
vx HNMINM LPBM<ABG@ BG : AB@A =>GLBMR I:<D:@>h2A> }{1nbL yx
BGINM BL <HFI:MB;E> PBMA of kl :G= ln4 EH@B< LRLM>FL hvEE FH=>EL
BG<EN=> :G BGM>KG:E LGN;;>Kh2A> K>E:RL IKHOB=> ljjj4vx HIMHg
BLHE:MBHGf;>MP>>G BGINM :G= HNMINMhzG<:ILNE:MBHGfMA>KF:EER
<HG=N<MBO> >IHQRh
{BE> ,Hht x/xjljjkjjksnp
{BE> ,Hht 0ljlnnmk
{BE> ,Hht zkmmnrk
xHGMKHE OHEM:@> K:G@>
+NLM HI>K:M> OHEM:@>
vF;B>GM
M>FI>K:MNK>
}-,|{v 0z*v7
1HE=>KBG@ FNLM ;> <HFIE>M>= PBMABG kj L><HG=L :M lpj
HK E>LL HK PBMABG o L><HG=L :M moj
HK E>LLh
2A> 110 <:L> L>KO>L MH =BLLBI:M> A>:Mh~GLM:EE MA> K>E:RL LH
MA:M MA>R :K> :=>JN:M>ER O>GMBE:M>=h~? IHHK O>GMBE:MBHG BL
NG:OHB=:;E>f K>=N<> MA> EH:= <NKK>GM ;R A:E?h
2A> BGINM <BK<NBMKR =H>L GHM BG<HKIHK:M> : <BK<NBM IKHM><MBG@
MA> 110 ?KHF ;>BG@ =:F:@>= =N> MH : K>O>KL>= <HGG><MBHGh
+:D> LNK> MA:M MA> IHE:KBMR BL <HKK><M PA>G <HGG><MBG@ MA>
BGINM EBG>Lh
5A>G NLBG@ MA> }{1n L>KB>L ?HK :G vx EH:= PBMA : I>:D
OHEM:@> H? FHK> MA:G noj4f<HGG><M MA> EH:= M>KFBG:EL H? MA>
K>E:R MH :G BGKNLA :;LHK;>KcO:KBLMHKdh 2A> K><HFF>G=>=
O:KBLMHK OHEM:@>f nnj MH nqj4h
2A> EH:= M>KFBG:EL :K> BGM>KG:EER <HGG><M>= MH : LGN;;>K
<BK<NBM MA:M :;LHK; GHBL>h}HP>O>Kf B? PBKBG@ ?KHF MA>L>
M>KFBG:EL BL E:B= PBMA HK IE:<>= BG MA> L:F> =N<M :L AB@Ag
OHEM:@> HK IHP>K EBG>Lf GHBL> F:R ;> BG=N<>=f <:NLBG@ MA>
110 MH HI>K:M> BKK>@NE:KER HK F:E?NG<MBHGh
5A>G NLBG@ MA> }{1n L>KB>L BG IA:L> <HGMKHE :IIEB<:MBHGLf
:M : IA:L> <HGMKHE :G@E> <EHL> MH krj =>@K>>L MA> K>E:RbL
BGINM LB@G:E MNKG H?? :M MA> MK:BEBG@ >=@> H? MA> vx LBG> P:O>
FNLM ;> EBFBM>= MH >G= ljjUL ;>?HK> vx S>KH <KHLLh 2ABL
:LLNK>L MA:M MA> K>E:R A:L MBF> MH LPBM<A H??h 1AHKM>K MBF>L
F:R <:NL> EHLL H? <HGMKHE :M MA> ?HEEHPBG@ A:E? <R<E>h
lj
2>KFBG:E :KK:G@>F>GM
.NEL> PB=MA
~GINM LB@G:E
~GINM LB@G:E MNKG H??
+BGBFNF ljjUL
ncgd
j^
vx EBG>
krj^
k
l
mced
EH:=
kh
lh
mh
nh
rh
oh
ph
qh
~1-sjjkZ~1-i21kpsns Z~1-knjjkZ-}1v1krjjk xz02~{~zy
ljjq 0>Oh khjj
<:E2+>;7.2:,
89E7D=CF=BA
ljjj4vxf ojipj}SfkFBG
kjjj+ c:M ojj4yxd
oI{
kj MH oo}S khoFF yv
kjjjFiLl
gmj MH rj
gmj MH kjj
noa MH roa 0}
vIIKHQhp@
CD975GF=BAE
n MH p4yx
shp MH knhn4yx
kshl MH lrhr4yx
n4yx
shp4yx
kshl4yx
khj4yx
koFv
=ACGF c2vulo d
joy
kly
lny
joy
kly
lny
qo MH lrj4vx
jhk MH lv
lovID
khoFv
kho4KFL
kil <R<E> ekFL
kFL
kil <R<E> ekFL
pjj4ID
kjj4iUL
ko4
jho
EB?=8 EF5F9 D9?5J
+NLM K>E>:L> OHEM:@>
+:Qh BGINM <NKK>GM
BGFCGF c2vulo d
*H:= OHEM:@> K:G@>
*H:= <NKK>GM K:G@>
+:Qh LNK@> <NKK>GM ckjFLd
+:Qh E>:D:@> <NKK>GM
+:Qh HGgLM:M> OHEM:@> =KHI
8>KH <KHLL MNKGgHG
0:G=HF MNKGgHG
+:Qh MNKGgH?? MBF>
+:Qh MK:GLB>GM HO>KOHEM:@>
+BGh H??gLM:M> =Oi=M
+:Qh S>KHg<KHLL HO>KOHEM:@>
+BGh IHP>K ?:<MHK
+:Qh MNKGgHG MBF>
;9A9D5? c2vulo d
yB>E><MKB< LMK>G@MA c BGINM MH HNMINM d
~GLNE:MBHG K>LBLM:G<>
+:Qh <:I:<BM:G<> c BGINM MH HNMINM d
4B;K:MBHG K>LBLM:G<>
1AH<D K>LBLM:G<>
-I>K:MBG@
1MHK:@>
vF;B>GM ANFB=BMR
3GBM P>B@AM
yx BGINMgvx HNMINM ?HK lv EH:= :M lo
.AHMH BLHE:MBHG
wNBEMgBG LGN;;>K
8>KH <KHLL HK K:G=HF MNKGgHG
.KBGM>= <BK<NBM ;H:K= FHNGM
0H}1 <HFIEB:GM
\
\
\
\
\
\


Similar Part No. - HFS4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HFS40 HONGFA-HFS40 Datasheet
48Kb / 3P
SOLID STATE RELAY
HFS4005D2TL HONGFA-HFS4005D2TL Datasheet
48Kb / 3P
SOLID STATE RELAY
logo
Hynix Semiconductor
HFS400G32MEB-2420A HYNIX-HFS400G32MEB-2420A Datasheet
87Kb / 5P
NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Hongfa Technology
HFS4012D2TL HONGFA-HFS4012D2TL Datasheet
48Kb / 3P
SOLID STATE RELAY
HFS4024D2TL HONGFA-HFS4024D2TL Datasheet
48Kb / 3P
SOLID STATE RELAY
More results

Similar Description - HFS4

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
logo
Vishay Siliconix
LH1500AT VISHAY-LH1500AT Datasheet
73Kb / 6P
Solid State Relay
06-March-02
logo
COSMO Electronics Corp...
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
SOLID STATE RELAY
KSD205AC3 COSMO-KSD205AC3 Datasheet
197Kb / 2P
SOLID STATE RELAY
logo
List of Unclassifed Man...
JGX-1505FB ETC1-JGX-1505FB Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
COSMO Electronics Corp...
KSA225AC8 COSMO-KSA225AC8 Datasheet
346Kb / 2P
Solid State Relay
logo
Hongfa Technology
HFS41 HONGFA-HFS41 Datasheet
58Kb / 3P
SOLID STATE RELAY
logo
Omron Electronics LLC
G3TBOA202PZDC524 OMRON-G3TBOA202PZDC524 Datasheet
395Kb / 8P
Solid State Relay
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com