Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD637 Datasheet(PDF) 13 Page - Analog Devices

Part # AD637
Description  High Precision, Wideband RMS-to-DC Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD637 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD637 Datasheet HTML 9Page - Analog Devices AD637 Datasheet HTML 10Page - Analog Devices AD637 Datasheet HTML 11Page - Analog Devices AD637 Datasheet HTML 12Page - Analog Devices AD637 Datasheet HTML 13Page - Analog Devices AD637 Datasheet HTML 14Page - Analog Devices AD637 Datasheet HTML 15Page - Analog Devices AD637 Datasheet HTML 16Page - Analog Devices AD637 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
AD637
APPLICATIONS INFORMATION
STANDARD CONNECTION
The AD637 is simple to connect for a majority of rms
measurements. In the standard rms connection shown in Figure 5,
only a single external capacitor is required to set the averaging
time constant. In this configuration, the AD637 computes the
true rms of any input signal. An averaging error, the magnitude
of which is dependent on the value of the averaging capacitor,
is present at low frequencies. For example, if the filter capacitor,
CAV, is 4 µF, the error is 0.1% at 10 Hz and increases to 1% at
3 Hz. To measure ac signals, the AD637 can be ac-coupled by
adding a nonpolar capacitor in series with the input, as shown
in Figure 5.
1
25kΩ
DEN
INPUT
CAV
BUFF IN
BUFF OUT
SQUARER/
DIVIDER
CS
dB
OUTPUT
3 COMMON
ABSOLUTE
VALUE
BIAS
2 NIC
4
OUTPUT
OFFSET
4.7kΩ
+VS
5
25kΩ
6
7
8
9
10
11
12
NIC
13
14
NC
–VS
–VS
+VS
+VS
VIN
VOUT = V
IN
2
(OPTIONAL)
VIN
CAV
+
AD637
RMS
OUT
–
+
–
+
–
+
NIC = NO INTERNAL CONNECTION
Figure 5. Standard RMS Connection
The performance of the AD637 is tolerant of minor variations
in the power supply voltages; however, if the supplies used
exhibit a considerable amount of high frequency ripple, it is
advisable to bypass both supplies to ground through a 0.1 µF
ceramic disc capacitor placed as close to the device as possible.
The output signal range of the AD637 is a function of the
supply voltages, as shown in Figure 6. Use the output voltage
buffered or nonbuffered, depending on the characteristics of the
load. Connect the buffer input (Pin 1) to common if buffering is
not required. The output of the AD637 is capable of driving
5 mA into a 2 kΩ load without degrading the accuracy of the
device.
20
15
0
0
10
5
SUPPLY VOLTAGE – DUAL SUPPLY (V)
±3
±5
±10
±15
±18
Figure 6. Maximum VOUT vs. Supply Voltage
CHIP SELECT
The AD637 includes a chip select feature that allows the user
to decrease the quiescent current of the device from 2.2 mA to
350 µA. This is done by driving CS, Pin 5, to below 0.2 V dc.
Under these conditions, the output goes into a high impedance
state. In addition to reducing the power consumption, the
outputs of multiple devices can be connected in parallel to
form a wide bandwidth rms multiplexer. Tie Pin 5 high to
disable the chip select.
OPTIONAL TRIMS FOR HIGH ACCURACY
The AD637 includes provisions for trimming out output offset
and scale factor errors resulting in significant reduction in the
maximum total error, as shown in Figure 7. The residual error is
due to a fixed input offset in the absolute value circuit and the
residual nonlinearity of the device.
5.0
2.5
–5.0
0
2.0
0.5
1.0
0
–2.5
1.5
AD637K MAX
INTERNAL TRIM
AD637K
EXTERNAL TRIM
AD637K: 0.5mV ± 0.2%
0.25mV ± 0.05%
EXTERNAL
INPUT LEVEL (V)
Figure 7. Maximum Total Error vs.
Input Level AD637K Internal and External Trims
Rev. L | Page 13 of 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com