Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

IP1202PBF Datasheet(PDF) 15 Page - International Rectifier

Part # IP1202PBF
Description  Dual Output Full Function 2 Phase Synchronous Buck Power Block Integrated Power Semiconductors, PWM Control & Passives
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IP1202PBF Datasheet(HTML) 15 Page - International Rectifier

Back Button IP1202PBF Datasheet HTML 11Page - International Rectifier IP1202PBF Datasheet HTML 12Page - International Rectifier IP1202PBF Datasheet HTML 13Page - International Rectifier IP1202PBF Datasheet HTML 14Page - International Rectifier IP1202PBF Datasheet HTML 15Page - International Rectifier IP1202PBF Datasheet HTML 16Page - International Rectifier IP1202PBF Datasheet HTML 17Page - International Rectifier IP1202PBF Datasheet HTML 18Page - International Rectifier IP1202PBF Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
www.irf.com
15
iP1202PbF
Fig. 15: iP1202PbF Single Output Simplified Schematic
Fig. 16: iP1202PbF Single Output Lossless Inductor Current Sensing Simplified Schematic
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
VREF
RT
SYNC
VSW2
FB2
FB2S
CC2
ENABLE
OC2
OC1
SS2
iP1202
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
VREF
RT
SYNC
VSW2
FB2
FB2S
CC2
ENABLE
OC2
OC1
SS2
C8
0.1uF
L1
1.0uH
Cout
470uF
R9
887
R7
1k
C9
0.018uF
R5
2.49k
L2
1.0uH
C11
2.2nF
R6
2.61k
R3
30.9k
C10
100pF
R1
100k
R2
100k
0.8V
VOUT
1.5V
Cin
22uF
PGND
VIN
12V
Rshunt1
5mOhm
Rshunt2
5mOHM
x6
x4
ROC1
51.1k
ROC2
51.1k
R17
8.87k
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
VREF
RT
SYNC
VSW2
FB2
FB2S
CC2
ENABLE
OC2
OC1
SS2
iP1202
VIN
SS1
VP-REF
FB1S
FB1
VSW1
HICCUP
CC1
PGOOD
VREF
RT
SYNC
VSW2
FB2
FB2S
CC2
ENABLE
OC2
OC1
SS2
C8
0.1uF
L1
1.0uH
Cout
470uF
R9
887
R7
1k
C9
0.018uF
R5
2.49k
L2
1.0uH
C11
2.2nF
R6
2.61k
R3
30.9k
C10
100pF
R1
100k
R2
100k
0.8V
VOUT
1.5V
Cin
22uF
PGND
VIN
12V
x6
x4
CL1
1.0uF
RL1
1.0k
CL2
1.0uF
RL2
1.0k
Rdc2
Rdc1
(inductor dc resistance)
(inductor dc resistance)
R17
8.87k
iP1202PbF
iP1202PbF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com