Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP01 Datasheet(PDF) 1 Page - ice Components, Ins.

Part # LP01
Description  Low Profile Power Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICE [ice Components, Ins.]
Direct Link  http://www.icecomponents.com
Logo ICE - ice Components, Ins.

LP01 Datasheet(HTML) 1 Page - ice Components, Ins.

  LP01 Datasheet HTML 1Page - ice Components, Ins.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FEATURES
-2.0mm Height
-Low DCR
-Frequency Range 1KHz to 500KHz
-Suitable for Pick And Place Applications
-Withstands Solder Reflow
APPLICATIONS
-Handheld and PDA Applications
-DC/DC Converters
-Battery Powered or Low Voltage Applications
Low Profile Power Inductors
LP01 Series
Mechanical
Electrical Specifications
1. Tested @ 100kHz, 0.1Vrms.
2. Inductance drops 30% at rated I
SAT.
3. Temperature rise = 40ºC at rated I
RMS.
4. Electrical specifications at 25ºC.
5. Operating temperature range: -40ºC
to +125ºC.
6. Meets UL 94V-0.
Specifications subject to change without notice.
PACKAGING
-Reel Diameter:
13"
-Reel Width:
16mm
-Pieces Per Reel: 3000
Part
Number
SRF typ
(MHz)
DCR max
(Ω)
Inductance1
(µH) +/- 20%
I
SAT
2
(A)
I
RMS
3
(A)
LP01-102-RM
LP01-152-RM
LP01-222-RM
LP01-332-RM
LP01-472-RM
LP01-682-RM
LP01-103-RM
LP01-153-RM
LP01-223-RM
LP01-333-RM
LP01-473-RM
1.0
1.5
2.2
3.3
4.7
6.8
10
15
22
33
47
.12
.13
.14
.16
.19
.24
.27
.31
.36
.56
.88
2.30
1.83
1.45
1.27
1.05
.89
.76
.62
.54
.45
.38
1.67
1.48
1.39
1.24
1.18
1.06
.98
.88
.80
.64
.52
145
135
130
120
110
85
66
45
35
30
25
(10/06) LP01-1
XXX
6.0+/-0.1
7.5+/-0.1
2.0
max
2.2
5.4
7.7
cust.serv@icecomp.com
www.icecomponents.com
ICE Components, Inc.
Voice: 800.729.2099
Fax: 678.560.9304


Similar Part No. - LP01

ManufacturerPart #DatasheetDescription
logo
Altech corporation
LP01 ALTECH-LP01 Datasheet
455Kb / 1P
30 mm Legend Plates LPxxx (xxx= Title)
logo
Nihon Kaiheiki Industry...
LP0115CCKW015CA NKK-LP0115CCKW015CA Datasheet
325Kb / 6P
General Specifications
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
206Kb / 6P
Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
208Kb / 6P
Short Body Pushbuttons
LP0115CCKW015CB NKK-LP0115CCKW015CB Datasheet
325Kb / 6P
General Specifications
More results

Similar Description - LP01

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
Low Profile Power Inductors
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
Low Profile Power Inductors
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
LOW PROFILE POWER INDUCTORS
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
Low Profile Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com