Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LF353 Datasheet(PDF) 1 Page - STMicroelectronics

Part # LF353
Description  WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LF353 Datasheet(HTML) 1 Page - STMicroelectronics

  LF353 Datasheet HTML 1Page - STMicroelectronics LF353 Datasheet HTML 2Page - STMicroelectronics LF353 Datasheet HTML 3Page - STMicroelectronics LF353 Datasheet HTML 4Page - STMicroelectronics LF353 Datasheet HTML 5Page - STMicroelectronics LF353 Datasheet HTML 6Page - STMicroelectronics LF353 Datasheet HTML 7Page - STMicroelectronics LF353 Datasheet HTML 8Page - STMicroelectronics LF353 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
s LOW POWER CONSUMPTION
s WIDE COMMON-MODE (UP TO V
CC
+) AND
DIFFERENTIAL VOLTAGE RANGE
s LOW INPUT BIAS AND OFFSET CURRENT
s OUTPUT SHORT-CIRCUIT PROTECTION
s HIGH INPUT IMPEDANCE J–FET INPUT
STAGE
s INTERNAL FREQUENCY COMPENSATION
s LATCH UP FREE OPERATION
s HIGH SLEW RATE : 16V/
µs (typ)
DESCRIPTION
The LF353 are high speed J–FET input dual oper-
ational amplifiers incorporating well matched, high
voltage J–FET and bipolar transistors in a mono-
lithic integrated circuit.
The devices feature high slew rates, low input bias
and offset currents, and low offset voltage temper-
ature coefficient.
ORDER CODE
N = Dual in Line Package (DIP)
D = Small Outline Package (SO) - also available in Tape & Reel (DT)
PIN CONNECTIONS (top view)
Part Number
Temperature Range
Package
ND
LF353
0°C, +70°C
••
LF253
-40°C, +105°C
••
LF153
-55°C, +125°C
••
N
DIP8
(Plastic Package)
D
SO8
(Plastic Micropackage)
1
2
3
45
6
7
8
-
+
-
+
1 - Output1
2 - Inverting input 1
3 - Non-inverting input 1
4 - VCC
-
5 - Non-invertig input 2
6 - Inverting input 2
7 - Output 2
8 - VCC
+
LF153
LF253 - LF353
WIDE BANDWIDTH
DUAL J-FET OPERATIONAL AMPLIFIERS
March 2001


Similar Part No. - LF353

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LF353 MOTOROLA-LF353 Datasheet
101Kb / 4P
FAMILY OF JFET OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LF353 STMICROELECTRONICS-LF353 Datasheet
99Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Jun-1998
logo
Fairchild Semiconductor
LF353 FAIRCHILD-LF353 Datasheet
40Kb / 6P
Dual Operational Amplifier (JFET)
logo
National Semiconductor ...
LF353 NSC-LF353 Datasheet
597Kb / 14P
Wide Bandwidth Dual JFET Input Operational Amplifier
logo
Texas Instruments
LF353 TI1-LF353 Datasheet
633Kb / 16P
LF353 Wide Bandwidth Dual JFET Input Operational Amplifier
More results

Similar Description - LF353

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LF147-LF247 STMICROELECTRONICS-LF147-LF247 Datasheet
302Kb / 10P
WIDE BANDWIDTH QUAD J-FET OPERATIONAL AMPLIFIERS
Mar-2001
LF151 STMICROELECTRONICS-LF151 Datasheet
108Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Oct-1997
LF153 STMICROELECTRONICS-LF153 Datasheet
99Kb / 9P
WIDE BANDWIDTH DUAL J-FET OPERATIONAL AMPLIFIERS
Jun-1998
LF155-LF255-LF355 STMICROELECTRONICS-LF155-LF255-LF355 Datasheet
250Kb / 14P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIERS
Jul-1998
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
Aug-1998
logo
Sanyo Semicon Device
LA6082D SANYO-LA6082D Datasheet
108Kb / 5P
J-FET Input Dual Operational Amplifiers
logo
STMicroelectronics
LF151 STMICROELECTRONICS-LF151_01 Datasheet
742Kb / 9P
WIDE BANDWIDTH SINGLE J-FET OPERATIONAL AMPLIFIER
Mar-2001
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
Wide bandwidth dual JFET operational amplifiers
25-Mar-2010
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com