Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AZP94 Datasheet(PDF) 5 Page - Arizona Microtek, Inc

Part # AZP94
Description  ECL/PECL 첨1, 첨2 Clock Generation Chip with Tristate Compatible Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AZM [Arizona Microtek, Inc]
Direct Link  http://azmicrotek.com
Logo AZM - Arizona Microtek, Inc

AZP94 Datasheet(HTML) 5 Page - Arizona Microtek, Inc

  AZP94 Datasheet HTML 1Page - Arizona Microtek, Inc AZP94 Datasheet HTML 2Page - Arizona Microtek, Inc AZP94 Datasheet HTML 3Page - Arizona Microtek, Inc AZP94 Datasheet HTML 4Page - Arizona Microtek, Inc AZP94 Datasheet HTML 5Page - Arizona Microtek, Inc AZP94 Datasheet HTML 6Page - Arizona Microtek, Inc AZP94 Datasheet HTML 7Page - Arizona Microtek, Inc AZP94 Datasheet HTML 8Page - Arizona Microtek, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AZP94
June 2009 Rev - 6
www.azmicrotek.com
5
Absolute Maximum Ratings are those values beyond which device life may be impaired.
Symbol
Characteristic
Rating
Unit
VCC
PECL Power Supply
(VEE = 0V)
0 to +6.0
Vdc
VI
PECL Input Voltage
(VEE = 0V)
0 to +6.0
Vdc
VEE
ECL Power Supply
(VCC = 0V)
-6.0 to 0
Vdc
VI
ECL Input Voltage
(VCC = 0V)
-6.0 to 0
Vdc
IHGOUT
Output Current
— Continuous
— Surge
50
100
mA
TA
Operating Temperature Range
-40 to +85
°C
TSTG
Storage Temperature Range
-65 to +150
°C
100K ECL DC Characteristics (VEE = -3.0V to -5.5V, VCC = GND)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1
-1085
-880
-1025
-880
-1025
-880
-1025
-880
mV
VOL
Output LOW Voltage1
-1900
-1555
-1900
-1620
-1900
-1620
-1900
-1620
mV
VIH
Input HIGH Voltage
D/D
¯, EN (ECL)2
EN (CMOS)3
-1165
VEE+2000
-740
VCC
-1165
VEE+2000
-740
VCC
-1165
VEE+2000
-740
VCC
-1165
VEE+2000
-740
VCC
mV
VIL
Input LOW Voltage
D/D
¯, EN (ECL)2
EN (CMOS)3
-1900
VEE
-1475
VEE + 800
-1900
VEE
-1475
VEE + 800
-1900
VEE
-1475
VEE + 800
-1900
VEE
-1475
VEE + 800
mV
VBB
Reference Voltage
-1390
-1250
-1390
-1250
-1390
-1250
-1390
-1250
mV
IIH
Input HIGH Current EN
150
150
150
150
μA
IIL
Input LOW Current
EN (ECL)2
EN (CMOS)3
0.5
-150
0.5
-150
0.5
-150
0.5
-150
μA
IEE
Power Supply Current1
34
34
34
37
mA
1.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
2.
EN-SEL connected to VEE through a 20kΩ resistor
3.
EN-SEL connected VEE or left open (NC)
100K LVPECL DC Characteristics (VEE = GND, VCC = +3.3V)
-40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Max
Min
Max
Min
Max
Min
Max
Unit
VOH
Output HIGH Voltage1,2
2215
2420
2275
2420
2275
2420
2275
2420
mV
VOL
Output LOW Voltage1,2
1400
1745
1400
1680
1400
1680
1400
1680
mV
VIH
Input HIGH Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
2135
2000
2560
VCC
2135
2000
2560
VCC
2135
2000
2560
VCC
2135
2000
2560
VCC
mV
VIL
Input LOW Voltage1
D/D
¯ , EN (PECL)3
EN (CMOS)4
1400
GND
1825
800
1400
GND
1825
800
1400
GND
1825
800
1400
GND
1825
800
mV
VBB
Reference Voltage1
1910
2050
1910
2050
1910
2050
1910
2050
mV
IIH
Input HIGH Current EN
150
150
150
150
μA
IIL
Input LOW Current
EN (PECL)3
EN (CMOS)4
0.5
-150
0.5
-150
0.5
-150
0.5
-150
μA
IEE
Power Supply Current2
34
34
34
37
mA
1.
For supply voltages other that 3.3V, use the ECL table values and ADD supply voltage value.
2.
Specified with outputs terminated through 50
Ω resistors to VCC - 2V.
3.
EN-SEL connected to VEE through a 20kΩ resistor
4.
EN-SEL connected VEE or left open (NC)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com