Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TS931ID Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS931ID
Description  OUTPUT RAIL TO RAIL MICROPOWER OPERATIONAL AMPLIFIERS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS931ID Datasheet(HTML) 3 Page - STMicroelectronics

  TS931ID Datasheet HTML 1Page - STMicroelectronics TS931ID Datasheet HTML 2Page - STMicroelectronics TS931ID Datasheet HTML 3Page - STMicroelectronics TS931ID Datasheet HTML 4Page - STMicroelectronics TS931ID Datasheet HTML 5Page - STMicroelectronics TS931ID Datasheet HTML 6Page - STMicroelectronics TS931ID Datasheet HTML 7Page - STMicroelectronics TS931ID Datasheet HTML 8Page - STMicroelectronics TS931ID Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics
TS931-TS932-TS934
3/15
2 Electrical Characteristics
Tables 3 and 4 give the electrical characteristics at each Vcc value.
Table 3: VCC = +3V, Vdd = 0V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input Offset Voltage
TS931/2/4
TS931/2/4A
TS931/2/4B
10
5
2
mV
∆V
io
Input Offset Voltage Drift
3
µV/°C
Iio
Input Offset Current 1
1)
Maximum values including unavoidable inaccurates of the industrial test.
1
100
pA
Iib
Input Bias Current 1)
1
150
pA
CMR
Common Mode Rejection Ratio
0
≤ V
icm ≤ VCC - 1.7
85
dB
SVR
Supply Voltage Rejection Ratio 2
2)
VCC has a 0.2V variation.
85
dB
Avd
Large Signal Voltage Gain
VO = 2Vpp
RL = 1MΩ
RL = 100kΩ
120
106
dB
VOH
High Level Output Voltage
VID = 100mV
RL = 100kΩ
2.95
V
VOL
Low Level Output Voltage
VID = -100mV
RL = 100kΩ
50
mV
Io
Output Source Current
VID = 100mV, VO = VDD
Output Sink Current
VID = -100mV, VO = VCC
1.5
1.5
mA
ICC
Supply Current (per amplifier)
AVCL = 1, no load
20
31
µA
GBP
Gain Bandwidth Product
RL = 100kΩ, CL = 50pF
100
kHz
SR
Slew Rate
RL = 100kΩ, CL = 50pF
50
V/ms
φm
Phase Margin
CL = 50pF
65
Degrees
en
Input Voltage Noise
75
nV/
√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com