Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TSH350I Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSH350I
Description  550MHz low noise current feedback amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH350I Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSH350I Datasheet HTML 5Page - STMicroelectronics TSH350I Datasheet HTML 6Page - STMicroelectronics TSH350I Datasheet HTML 7Page - STMicroelectronics TSH350I Datasheet HTML 8Page - STMicroelectronics TSH350I Datasheet HTML 9Page - STMicroelectronics TSH350I Datasheet HTML 10Page - STMicroelectronics TSH350I Datasheet HTML 11Page - STMicroelectronics TSH350I Datasheet HTML 12Page - STMicroelectronics TSH350I Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
TSH350
Electrical characteristics
9/22
Figure 19.
Reverse isolation vs. frequency
Figure 20.
SVR vs. temperature
1M
10M
100M
1G
-100
-80
-60
-40
-20
0
Small Signal
Vcc=5V
Load=100
Ω
Frequency (Hz)
-40
-20
0
20
40
60
80
100
120
50
55
60
65
70
75
80
85
90
Gain=+1
Vcc=5V
Load=100
Ω
Temperature (°C)
Figure 21.
Bandwidth vs. temperature
Figure 22.
ROL vs. temperature
-40
-20
0
20
40
60
80
100
120
200
250
300
350
400
450
500
550
Gain=+1
Vcc=5V
Load=100
Ω
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
200
220
240
260
280
300
320
340
Open Loop
Vcc=5V
Temperature (°C)
Figure 23.
CMR vs. temperature
Figure 24.
Ibias vs. temperature
-40
-20
0
2040
6080
100
120
50
52
54
56
58
60
62
64
66
68
70
Gain=+1
Vcc=5V
Load=100
Ω
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
-4
-2
0
2
4
6
8
10
12
14
Gain=+1
Vcc=5V
Load=100
Ω
Ib(+)
Ib(-)
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com