Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP1072 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # LP1072
Description  802.11a/b/g Baseband System Solution
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

LP1072 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button LP1072 Datasheet HTML 21Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 22Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 23Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 24Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 25Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 26Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 27Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 28Page - Freescale Semiconductor, Inc LP1072 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
DC Electrical Specifications
LP1072 Advance Information, Rev. 0.3
Freescale Semiconductor
25
PRELIMINARY
7.3
DC Characteristics
DC characteristics are shown in Table 13.
Table 13. DC Characteristics
Parameter
Symbol
Condition
Min
Typ
Max
Units
Pre-driver Supply Voltage
VDD
1.62
1.8
1.98
V
I/O Supply Voltage
VD33
3.0
3.3
3.6
V
Low-level input voltage
VIL
-0.3
0.8
V
High-level input voltage
VIH
2.0
5.5
V
Threshold point
VT
1.46
1.58
1.75
V
Schmitt Trigger Low to High Thresh
VT+
Schmitt
1.47
1.50
1.50
V
Schmitt Trigger High to Low Thresh
VT-
Schmitt
0.90
0.94
0.96
V
Input Leakage Current
II
VI =VD33 or 0V
-10
10
µA
3-state leak current
IOZ
VOH = VSS
-10
10
µA
VOL = VDD
-10
10
µA
Output low voltage
VOL
IOL = 2,4,…, 24mA
0.4
V
Output high voltage
VOH
IOH =2,4,…, 24mA
2.4
V
Low Level Out Current @VOL=0.4V
IOL
2 mA
2.2
3.3
3.8
mA
4 mA
4.5
6.6
7.6
mA
8 mA
TBA
TBA
TBA
mA
12 mA
1
19.7
22.7
mA
16 mA
TBA
TBA
TBA
mA
24 mA
2
39.5
45.4
mA
High Level Out Current
@VOH=2.4V
IOH
2 mA
TBA
TBA
TBA
mA
4 mA
TBA
TBA
TBA
mA
8 mA
12.3
24.8
38
mA
12 mA
18.5
37.1
56.9
mA
16 mA
22.7
49.5
75.9
mA
24 mA
36.9
74.3
113.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com