Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC1270 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1270
Description  4-Pin Reset Monitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1270 Datasheet(HTML) 1 Page - Microchip Technology

  TC1270 Datasheet HTML 1Page - Microchip Technology TC1270 Datasheet HTML 2Page - Microchip Technology TC1270 Datasheet HTML 3Page - Microchip Technology TC1270 Datasheet HTML 4Page - Microchip Technology TC1270 Datasheet HTML 5Page - Microchip Technology TC1270 Datasheet HTML 6Page - Microchip Technology TC1270 Datasheet HTML 7Page - Microchip Technology TC1270 Datasheet HTML 8Page - Microchip Technology TC1270 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2007 Microchip Technology Inc.
DS21381D-page 1
TC1270/TC1271
Features:
• Precision VCC Monitor for 1.8V, 2.7V, 3.0V, 3.3V
and 5.0V Nominal Supplies
• Manual Reset Input
• 140 ms Minimum RESET, Reset Output Duration
• RESET Output Valid to VCC = 1.0V (TC1270)
• Low 7 µA Supply Current
•VCC Transient Immunity
• Small 4-Pin SOT-143 Package
• No External Components
• Replacement for MAX811/812 and Offers a Lower
Threshold Voltage Option
Applications:
• Computers
• Embedded Systems
• Battery Powered Equipment
• Critical µP Power Supply Monitoring
Typical Operating Circuit
General Description
The TC1270 and TC1271 are cost-effective system
supervisor circuits designed to monitor VCC in digital
systems and provide a reset signal to the host
processor when necessary. A manual reset input is
provided to override the reset monitor, and is suitable
for use as a push button reset. No external components
are required.
The reset output is driven active within 20 µs (4 µs for
F version) of VCC falling through the reset voltage
threshold. Reset is maintained active for a minimum of
140 ms after VCC rises above the reset threshold. The
TC1271 has an active-high RESET output while the
TC1270 has an active-low RESET output. The output
of the TC1270 is valid down to VCC = 1V. Both devices
are available in a 4-Pin SOT-143 package.
The TC1270/TC1271 devices are optimized to reject
fast transient glitches on the VCC line. Low supply
current of 7 µA (VCC = 3.3V) makes these devices
suitable for battery powered applications.
Package Type
TC1270
VCC
VCC
VCC
RESET
Reset
Input
(Active Low)
GND
GND
Processor
MR
Push
Button
VCC
TC1270 RESET
GND
TC1270
TC1271
1
2
TC1271 (RESET)
3
4
MR
4-Pin Reset Monitors


Similar Part No. - TC1270

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
4-Pin 關P Reset Monitors
2002
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A Datasheet
1Mb / 42P
Voltage Supervisor with Manual Reset Input
Revision F January 2022
TC1270ALBVCTTR MICROCHIP-TC1270ALBVCTTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
TC1270ALBVRCTR MICROCHIP-TC1270ALBVRCTR Datasheet
573Kb / 40P
Voltage Supervisor with Manual Reset Input
2007
More results

Similar Description - TC1270

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MAX809 ONSEMI-MAX809 Datasheet
90Kb / 12P
3-Pin Microprocessor Reset Monitors
January, 2002 ??Rev. 4
logo
Microchip Technology
TC1270 MICROCHIP-TC1270 Datasheet
467Kb / 12P
4-Pin 關P Reset Monitors
2002
TCM811 MICROCHIP-TCM811 Datasheet
258Kb / 14P
4-Pin Microcontroller Reset Monitors
2002
TCM809 MICROCHIP-TCM809 Datasheet
141Kb / 14P
3-Pin Microcontroller Reset Monitors
2004
TCM811 MICROCHIP-TCM811_07 Datasheet
491Kb / 16P
4-Pin Reset Monitors
2007
TCM809 MICROCHIP-TCM809_05 Datasheet
218Kb / 16P
3-Pin Microcontroller Reset Monitors
2005
logo
Estek Electronics Co. L...
MAX809 ESTEK-MAX809 Datasheet
305Kb / 7P
3-PIN MICROPROCESSOR RESET MONITORS
logo
FOSLINK SEMICONDUCTOR C...
FSP2200 FOSLINK-FSP2200 Datasheet
131Kb / 7P
3 PIN MICROPROCESSOR RESET MONITORS
logo
Microchip Technology
TCM809 MICROCHIP-TCM809_13 Datasheet
249Kb / 16P
3-Pin Microcontroller Reset Monitors
11/29/12
logo
Unisonic Technologies
UIC812 UTC-UIC812 Datasheet
218Kb / 5P
4-PIN VOLTAGE MONITORS WITH MANUAL RESET INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com