Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MF1ICS2005 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MF1ICS2005
Description  Sawn bumped 120關m wafer addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS2005 Datasheet(HTML) 1 Page - NXP Semiconductors

  MF1ICS2005 Datasheet HTML 1Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 2Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 3Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 4Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 5Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 6Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
General description
The MF1 IC S20 05 is a contactless Smart Card IC designed for card IC coils following the
“Mifare card IC coil design guide” and is qualified to work properly in NXP´ reader
environment, which is built according to NXP´ specification.
This specification describes electrical, physical and dimensional properties of wafers.
2.
Ordering information
3.
Mechanical specification
3.1 Wafer
Diameter:
8”
Thickness:
120
µm ± 15 µm
Flatness:
not applicable
PGDW:
24892
3.2 Wafer backside
Material:
Si
Treatment:
ground and stress relieve
3.3 Chip dimensions
Chip size:
1.11 x 1.06 mm
Scribe lines:
x-line: 80
µm
y-line: 80
µm
3.4 Passivation
Type:
sandwich structure
Material:
PSG / Nitride
MF1 IC S20 05
Sawn bumped 120µm wafer addendum
Rev. 3.0 — 18 July 2007
Product data sheet
141130
PUBLIC
Table 1.
Ordering information
Type number
Package
Name
Description
Ordering Code
MF1ICS2005W/U7D
Die on sawn wafer
9352 851 56005


Similar Part No. - MF1ICS2005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1ICS50 NXP-MF1ICS50 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
MF1ICS5005 PHILIPS-MF1ICS5005 Datasheet
35Kb / 7P
Standard Card IC Specification ?쐀umped sawn wafer on UV-tape?
August 2004
MF1ICS5005V1D PHILIPS-MF1ICS5005V1D Datasheet
35Kb / 7P
Standard Card IC Specification ?쐀umped sawn wafer on UV-tape?
August 2004
MF1ICS5005W1D PHILIPS-MF1ICS5005W1D Datasheet
35Kb / 7P
Standard Card IC Specification ?쐀umped sawn wafer on UV-tape?
August 2004
MF1ICS50 NXP-MF1ICS50_10 Datasheet
326Kb / 20P
Functional specification Public transportation
Rev. 5.6-24 November 2010
More results

Similar Description - MF1ICS2005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MF1ICS5005 PHILIPS-MF1ICS5005 Datasheet
35Kb / 7P
Standard Card IC Specification ?쐀umped sawn wafer on UV-tape?
August 2004
MF1ICS7001 PHILIPS-MF1ICS7001 Datasheet
293Kb / 7P
Standard 4Kbyte card IC sawn wafer on UV-tape addendum
Rev. 3.1-18 April 2007
logo
Freescale Semiconductor...
MC9S08GB60 FREESCALE-MC9S08GB60_1 Datasheet
75Kb / 4P
Addendum
logo
M/A-COM Technology Solu...
MASW-009590 MA-COM-MASW-009590 Datasheet
227Kb / 4P
Bumped GaAs SPDT Switch
logo
Texas Instruments
TLV5614IYZ TI1-TLV5614IYZ Datasheet
666Kb / 25P
12-Bit, Quad Channel, 2.7V to 5.5V, DAC in Bumped Die (Wafer Chip Scale) Package?봒b-Free/Green
logo
M/A-COM Technology Solu...
MASW-009276-001DIE MA-COM-MASW-009276-001DIE Datasheet
290Kb / 5P
Bumped GaAs SP3T Switch
MASW-009590 MA-COM-MASW-009590 Datasheet
227Kb / 4P
Bumped GaAs SPDT Switch
MASW-008902-000DIE MA-COM-MASW-008902-000DIE_15 Datasheet
308Kb / 5P
Bumped GaAs SP3T Switch
logo
STMicroelectronics
TN0193 STMICROELECTRONICS-TN0193 Datasheet
117Kb / 6P
LRIS64K bumped die description
05-Jul-2010
logo
NXP Semiconductors
SL2ICS20 NXP-SL2ICS20 Datasheet
44Kb / 12P
SL2 ICS 20 I?CODE SLI Label IC Bumped Wafer Specification
December 2002
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com