Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

RK816B Datasheet(PDF) 21 Page - Rockchip Electronics Co., Ltd

Part # RK816B
Description  Rockchip RK816B Datasheet
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROCKCHIP [Rockchip Electronics Co., Ltd]
Direct Link  http://www.rock-chips.com/a/en/index.html
Logo ROCKCHIP - Rockchip Electronics Co., Ltd

RK816B Datasheet(HTML) 21 Page - Rockchip Electronics Co., Ltd

Back Button RK816B Datasheet HTML 17Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 18Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 19Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 20Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 21Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 22Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 23Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 24Page - Rockchip Electronics Co., Ltd RK816B Datasheet HTML 25Page - Rockchip Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
RK816B Datasheet
Rev 1.4
Copyright ©2019 Fuzhou Rockchip Electronics Co., Ltd.
21
PARAMETERS
SYMB
OL
CONDITION
MIN
TYP
MAX
UNIT
Output noise (10Hz to
100kHz, VOUT8=1.1V)
OUTNOI
SE8
30
uVrm
s
Dropout voltage @ 100mA
(VOUT8=3.4V)
VDROP8
200
mV
Rated output current
IMAX8
100
mA
Operating Quiescent
Current, No load,
VCC5=3.8V(Low Power
mode)
IQ8
30
uA
Current Limit, VOUT8 =
VOUT8x 0.95
ICL8
150
200
mA
Soft-start Time
tSS8
400
us
COUT Discharge Switch ON
Resistance
RDIS8
400
Ohm
CH9:LDO4
Input supply voltage range
VINPUT9
2.7
5.5
V
VOUT Output Voltage
Adjustable Range,
5bit(step=100mV)
VOUT9
0.8
3.4
V
VOUT Output Voltage,
Default( Tj=25℃ )
VOUT9(D
efault)
0.98
1.00
1.02
V
VOUT Output Voltage,
Default( Tj=-10~85℃ )
VOUT9(D
efault)
0.97
1.00
1.03
V
VOUT Load Regulation, IOUT
= 1mA to 300mA
0.005
%/m
A
VOUT Line Regulation, VIN9
= 3 to 5V, IOUT9 = 0.3A
0.03
%/V
Power Supply Reject Ratio
(f = 10kHz, VOUT9=1V)
PSRR9
50
dB
Output noise (10Hz to
100kHz, VOUT9=1V)
OUTNOI
SE9
300
uVrm
s
Dropout voltage @ 300mA
(VOUT9=3.4V)
VDROP9
200
mV
Operating Quiescent
Current, No load,
VCC6=3.8V(Low Power
mode)
IQ9
10
uA
Rated output current
IMAX9
300
mA
Current Limit, VOUT9 =
VOUT9x 0.95
ICL9
350
500
mA
Soft-start Time
tSS9
400
us
COUT Discharge Switch ON
Resistance
RDIS9
400
Ohm
CH10:LDO5
Input supply voltage range VINPUT10
2.7
5.5
V
VOUT Output Voltage
Adjustable Range,
5bit(step=100mv)
VOUT10
0.8
3.4
V
VOUT Output Voltage,
Default( Tj=25℃ )
VOUT10(
Default)
2.94
3.00
3.06
V
VOUT Output Voltage,
Default( Tj=-10~85℃ )
VOUT10(
Default)
3.91
3.00
3.09
V
VOUT Load Regulation, IOUT
0.003
%/m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com