Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TDA8563AQ Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA8563AQ
Description  2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8563AQ Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA8563AQ Datasheet HTML 1Page - NXP Semiconductors TDA8563AQ Datasheet HTML 2Page - NXP Semiconductors TDA8563AQ Datasheet HTML 3Page - NXP Semiconductors TDA8563AQ Datasheet HTML 4Page - NXP Semiconductors TDA8563AQ Datasheet HTML 5Page - NXP Semiconductors TDA8563AQ Datasheet HTML 6Page - NXP Semiconductors TDA8563AQ Datasheet HTML 7Page - NXP Semiconductors TDA8563AQ Datasheet HTML 8Page - NXP Semiconductors TDA8563AQ Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
1997 Feb 20
2
Philips Semiconductors
Product specification
2
× 40 W/2 Ω stereo BTL car radio power
amplifier with diagnostic facility
TDA8563AQ
FEATURES
• Requires very few external components
• High output power
• 4 Ω and 2 Ω load impedance
• Low output offset voltage
• Fixed gain
• Diagnostic facility (distortion, short-circuit and
temperature detection)
• Good ripple rejection
• Mode select switch (operating, mute and standby)
• Load dump protection
• Short-circuit safe to ground, to VP and across the load
• Low power dissipation in any short-circuit condition
• Thermally protected
• Reverse polarity safe
• Electrostatic discharge protection
• No switch-on/switch-off plop
• Flexible leads
• Low thermal resistance.
GENERAL DESCRIPTION
The TDA8563AQ is an integrated class-B output amplifier
in a 13-lead single-in-line (SIL) power package.
It contains 2
× 40 W/2 Ω amplifiers in BTL configuration.
The device is primarily developed for car radio
applications.
QUICK REFERENCE DATA
ORDERING INFORMATION
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
VP
operating supply voltage
6.0
14.4
18
V
IORM
repetitive peak output current
−−
7.5
A
Iq(tot)
total quiescent current
−
115
−
mA
Isb
standby current
−
0.1
100
µA
Isw
switch-on current
−−
40
µA
ZI
input impedance
25
30
−
k
Ω
Po
output power
RL =4 Ω; THD = 10%
−
25
−
W
RL =2 Ω; THD = 10%
−
40
−
W
SVRR
supply voltage ripple rejection
Rs =0 Ω−
60
−
dB
αcs
channel separation
Rs =10kΩ−
50
−
dB
Gv
closed loop voltage gain
25
26
27
dB
Vno
noise output voltage
Rs =0 Ω−
−
120
µV
∆VO
DC output offset voltage
−−
150
mV
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
TDA8563AQ
DBS13P
plastic DIL-bent-SIL power package; 13 leads (lead length 12 mm)
SOT141-6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com