Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

93LC56 Datasheet(PDF) 9 Page - Microchip Technology

Part # 93LC56
Description  1K/2K/4K 2.5V Microwire Serial EEPROM
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LC56 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93LC56 Datasheet HTML 5Page - Microchip Technology 93LC56 Datasheet HTML 6Page - Microchip Technology 93LC56 Datasheet HTML 7Page - Microchip Technology 93LC56 Datasheet HTML 8Page - Microchip Technology 93LC56 Datasheet HTML 9Page - Microchip Technology 93LC56 Datasheet HTML 10Page - Microchip Technology 93LC56 Datasheet HTML 11Page - Microchip Technology 93LC56 Datasheet HTML 12Page - Microchip Technology 93LC56 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2004 Microchip Technology Inc.
DS21712B-page 9
93LC46/56/66
FIGURE 2-5:
WRAL TIMING
FIGURE 2-6:
ERASE TIMING
FIGURE 2-7:
ERAL TIMING
CS
CLK
DI
DO
High-Z
1
0
0
0
1
X
•••
X
Dx
•••
D0
High-Z
Busy
Ready
14
Ensured by Characterization at VCC = 4.5V to +5.5V.
6
11
10
CS
CLK
DI
DO
6
Check Status
1
1
1
An
An-1
An-2
•••
A0
11
10
Busy
Ready
High-Z
12
High-Z
CS
CLK
DI
DO
6
Check Status
10
0
1
0
X
•••
X
11
10
Busy
Ready
High-Z
13
High-Z
Ensured by Characterization at Vcc = 4.5V to +5.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com