Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TC4426M Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4426M
Description  1.5A Dual High-Speed Power MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4426M Datasheet(HTML) 1 Page - Microchip Technology

  TC4426M Datasheet HTML 1Page - Microchip Technology TC4426M Datasheet HTML 2Page - Microchip Technology TC4426M Datasheet HTML 3Page - Microchip Technology TC4426M Datasheet HTML 4Page - Microchip Technology TC4426M Datasheet HTML 5Page - Microchip Technology TC4426M Datasheet HTML 6Page - Microchip Technology TC4426M Datasheet HTML 7Page - Microchip Technology TC4426M Datasheet HTML 8Page - Microchip Technology TC4426M Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21938A-page 1
TC4426M/TC4427M/TC4428M
Features
• High Peak Output Current – 1.5A
• Wide Input Supply Voltage Operating Range:
- 4.5V to 18V
• High Capacitive Load Drive Capability – 1000 pF
in 25 ns (typ.)
• Short Delay Times – 40 ns (typ.)
• Matched Rise and Fall Times
• Low Supply Current:
- With Logic ‘1’ Input – 4 mA
- With Logic ‘0’ Input – 400 µA
• Low Output Impedance – 7
Ω
• Latch-Up Protected: Will Withstand 0.5A Reverse
Current
• Input: Will Withstand Negative Inputs Up to 5V
• ESD Protected – 4 kV
• Pin-Compatible with the TC426M/TC427M/
TC428M, TC4426AM/TC4427AM/TC4428AM
Devices
• Wide Operating Temperature Range:
- -55°C to +125°C
• See TC4426/TC4427/TC4428 data sheet
(DS21422) for additional temperature range and
packaging offerings
Applications
• Switch-mode Power Supplies
• Line Drivers
• Pulse Transformer Drive
General Description
The
TC4426M/TC4427M/TC4428M
are
improved
versions of the earlier TC426M/TC427M/TC428M
family of MOSFET drivers. The TC4426M/TC4427M/
TC4428M devices have matched rise and fall times
when charging and discharging the gate of a MOSFET.
These devices are highly latch-up resistant under any
conditions within their power and voltage ratings. They
are not subject to damage when up to 5V of noise
spiking (of either polarity) occurs on the ground pin.
They can accept, without damage or logic upset, up to
500 mA of reverse current (of either polarity) being
forced back into their outputs. All terminals are fully
protected against Electrostatic Discharge (ESD) up to
4kV.
The TC4426M/TC4427M/TC4428M MOSFET drivers
can
easily
charge/discharge
1000 pF
gate
capacitances in under 30 ns and provide low enough
impedances in both the on and off states to ensure the
MOSFET's intended state will not be affected, even by
large transients.
The
TC4426AM/TC4427AM/TC4428AM
family
of
devices are also compatible drivers. The TC4426AM/
TC4427AM/TC4428AM
devices
have
matched
leading and falling edge input-to-output delay times, in
addition to the matched rise and fall times of the
TC4426M/TC4427M/TC4428M devices.
Package Types
8-Pin CERDIP
1
2
3
4
NC
5
6
7
8
OUT A
OUT B
NC
IN A
GND
IN B
VDD
TC4426M TC4427M
NC
OUT A
OUT B
VDD
TC4428M
NC
OUT A
OUT B
VDD
1.5A Dual High-Speed Power MOSFET Drivers


Similar Part No. - TC4426M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4426MJA TELCOM-TC4426MJA Datasheet
75Kb / 6P
1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426MJA MICROCHIP-TC4426MJA Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
More results

Similar Description - TC4426M

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC426 TELCOM-TC426 Datasheet
76Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
TC4426A TELCOM-TC4426A Datasheet
64Kb / 5P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
logo
Microchip Technology
TC4426 MICROCHIP-TC4426 Datasheet
66Kb / 9P
1.5A DUAL HIGH-SPEED POWER MOSFET DRIVERS
2001
TC426 MICROCHIP-TC426_06 Datasheet
587Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426 MICROCHIP-TC4426_06 Datasheet
444Kb / 20P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426A MICROCHIP-TC4426A_06 Datasheet
427Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2006
TC4426AM MICROCHIP-TC4426AM_05 Datasheet
190Kb / 16P
1.5A Dual High-Speed Power MOSFET Drivers
2005
TC4426M MICROCHIP-TC4426M_13 Datasheet
239Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
11/29/12
TC426 MICROCHIP-TC426_13 Datasheet
514Kb / 18P
1.5A Dual High-Speed Power MOSFET Drivers
2002-2012 11/27/12
TC4426 MICROCHIP-TC4426_V01 Datasheet
976Kb / 28P
1.5A Dual High-Speed Power MOSFET Drivers
2006-2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com